Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2M-MD211 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CJ2M-MD211
Description  SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-MD211 Datasheet(HTML) 5 Page - Omron Electronics LLC

  CJ2M-MD211 Datasheet HTML 1Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 2Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-MD211 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
CJ2M-CPU3
@/-CPU1@/-MD21@
Accessories
The following accessories come with CPU Unit:
Note: Connector is provided with CJ2M-CPU1
@.
General Specifications
Note: Without a Serial Option Board.
Item
Specification
Battery
CJ1W-BAT01
End Cover
CJ1W-TER01 (necessary to be mounted at the right end of CPU Rack)
End Plate
PFP-M (2 pcs)
Serial Port (RS-232C) Connector
(see note)
Connector set for serial port connection (D-SUB 9-pin male connector)
Item
CJ2M-
CPU1
@
CPU3
@
Enclosure
Mounted in a panel
Grounding
Less than 100
Ω
CPU Unit Dimensions
90 mm
× 75 mm × 31 mm
90 mm
× 75 mm × 62 mm
Weight
130 g or less
190 g or less (see note)
Current Consumption
5 VDC, 0.5 A
5 VDC, 0.7 A
Operation
Environment
Ambient Operating Temperature
0 to 55
°C
Ambient Operating Humidity
10% to 90% (with no condensation)
Atmosphere
Must be free from corrosive gases.
Ambient Storage Temperature
−20 to 70°C (excluding battery)
Altitude
2,000 m or less
Pollution Degree
2 or less: Conforms to JIS B3502 and IEC 61131-2.
Noise Immunity
2 kV on power supply line (Conforms to IEC 61000-4-4.)
Overvoltage Category
Category II: Conforms to JIS B3502 and IEC 61131-2.
EMC Immunity Level
Zone B
Vibration Resistance
Conforms to IEC60068-2-6
5 to 8.4 Hz with 3.5-mm amplitude, 8.4 to 150 Hz
Acceleration of 9.8 m/s2 for 100 min in X, Y, and Z directions (10 sweeps of 10 min each =
100 min total)
Shock Resistance
Conforms to IEC60068-2-27
147 m/s2, 3 times in X, Y, and Z directions (100 m/s2 for Relay Output Units)
Battery
Life
5 years at 25
°C
Model
CJ1W-BAT01
Applicable Standards
Conforms to cULus, NK, LR, and EC Directives.


Similar Part No. - CJ2M-MD211

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU11 OMRON-CJ2M-CPU11 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU11 OMRON-CJ2M-CPU11 Datasheet
2Mb / 29P
   Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
CJ2M-CPU12 OMRON-CJ2M-CPU12 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU12 OMRON-CJ2M-CPU12 Datasheet
2Mb / 29P
   Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
CJ2M-CPU13 OMRON-CJ2M-CPU13 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
More results

Similar Description - CJ2M-MD211

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
CJ1W-PDC OMRON-CJ1W-PDC Datasheet
2Mb / 42P
   CJ-series Process Analog I/O Unit
CJ1W-SCU OMRON-CJ1W-SCU Datasheet
1Mb / 16P
   CJ-series Serial Communications Units
CS1W-CLK OMRON-CS1W-CLK Datasheet
1Mb / 15P
   SYSMAC CS-series Controller Link Units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com