Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

892-1R06-231-RA-005 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 892-1R06-231-RA-005
Description  8 3/8' WAYSIDE SIGNAL LAMP MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

892-1R06-231-RA-005 Datasheet(HTML) 1 Page - Dialight Corporation

  892-1R06-231-RA-005 Datasheet HTML 1Page - Dialight Corporation 892-1R06-231-RA-005 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
Features hi-flux LEDs to simulate point light source for
enhanced optical performance
Faster on/off response time than incandescent
lamps improves safety
Flicker resistance & reduced current draw
5+ year life reduces maintenance costs
Prevents sun phantom effects by eliminating use of
colored inner filter lenses
Designed to fit Safetran, US&S, GRS, and other 8
3/8 inch
diameter transit wayside signal heads
Uses existing signal head outer lens
12 volt DC
Power factor correction & reduced THD
Certified for rail environment
APPLICATION
892 Series LED
83/8” WAYSIDE SIGNAL LAMP MODULE
MDTR892X001_C
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight is the recognized leader in LED applications for transportation signaling, and has worked cooperatively with leading transit rail
customers to develop this unique solution to wayside signal applications for LEDs. It is proven to be a preferred product over traditional 5mm LED
distributed array solutions.
The 892 Series LED Wayside Signal Lamp Modules were developed by Dialight specifically for use in Class 1 Railroad,
8 3/8” signals in retrofit applications where replacement of existing incandescent light bulbs is desired. This installation approach
provides all the benefits of LEDs without the complex retrofit of the entire lens and housing assemblies. Installation is nearly
as simple as replacement of the incandescent bulb. Dialight lamp modules have been fully qualified for the Rail environment
and incorporate power factor correction and total harmonic distortion reduction circuitry.


Similar Part No. - 892-1R06-231-RA-005

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
892-100-500-201 EDAC-892-100-500-201 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-201 EDAC-892-100-500-201 Datasheet
152Kb / 3P
   892 Series,High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-202 EDAC-892-100-500-202 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-202 EDAC-892-100-500-202 Datasheet
153Kb / 3P
   892 Series,High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-100-500-203 EDAC-892-100-500-203 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
More results

Similar Description - 892-1R06-231-RA-005

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
891-1G02-321-RA-000 DIALIGHT-891-1G02-321-RA-000 Datasheet
131Kb / 2P
   5 1/4' WAYSIDE SIGNAL LAMP MODULE
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
SM34 CONNOR-WINFIELD-SM34 Datasheet
518Kb / 31P
   8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
logo
SparkFun Electronics
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
   Shaft Coupler - 3/8 to 3/8
1/15/2016
logo
FCI connector
7832C0425X01 FCI-CONNECTOR-7832C0425X01 Datasheet
65Kb / 1P
   MODULE 8 CONTACTS
VRW11376 FCI-CONNECTOR-VRW11376 Datasheet
100Kb / 1P
   MODULE 8 CONTACTS
logo
Sanyo Semicon Device
LC89080 SANYO-LC89080 Datasheet
107Kb / 8P
   Video Signal 3-Channel 8-Bit D/A Converter
logo
PHOENIX CONTACT
1711084 PHOENIX-1711084 Datasheet
157Kb / 4P
   MKDS 3/ 8
3118148 PHOENIX-3118148 Datasheet
69Kb / 2P
   EBS 3- 8
3030297 PHOENIX-3030297 Datasheet
66Kb / 2P
   FBS 3-8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com