Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593-212727-013-F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 593-212727-013-F
Description  3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

593-212727-013-F Datasheet(HTML) 2 Page - Dialight Corporation

  593-212727-013-F Datasheet HTML 1Page - Dialight Corporation 593-212727-013-F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS (TA= 25OC)
OPERATING CHARACTERISTICS (TA= 25OC)
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
MDEF593D001_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
PARAMETER
21
22
27
COLOR
AlGaAs Red
Green
AlInGaP Yellow
POWER DISSIPATION
(derate linearly from 60ºC mAºC)
90mW
0.75
95mW
0.75
80mW
(From 85ºC) 1.0
FORWARD DC CURRENT
30mA
30mA
30mA
PEAK FORWARD CURRENT (µsec)
0.5 amp
0.5 amp
0.2 amp
OPERATING TEMPERATURE
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
STORAGE TEMPERATURE
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
SOLDERING TEMPERATURES
IR REFLOW FOR LEAD
FREE SOLDERING, RoHS
260ºC (+0ºC / -5ºC) For 30 Seconds
PARAMETER
PART NO.
COLOR
MIN
TYP
MAX
UNITS
TEST COND.
Forward Voltage
VF
21
AlGaAs Red
1.75
2.5
V
IF=10mA
22
Green
2.0
2.5
27
AlInGaP Yellow
1.9
2.0
2.4
Reverse Voltage
VR
21
AlGaAs Red
12
V
IF=10µA
22
Green
12
27
AlInGaP Yellow
12
Dominant Wavelength
Dom
21
AlGaAs Red
645
nm
22
Green
564
570
576
27
AlInGaP Yellow
580
587
595
Luminous Intensity
lv
21
AlGaAs Red
22
29
36
mcd
IF=20mA
22
Green
9
16
22
27
AlInGaP Yellow
40
80
130
Viewing Angle
(2Ø 1/2)
21
AlGaAs Red
40
deg.
22
Green
40
27
AlInGaP Yellow
40
593 SERIES
3mm Tri-level Prism
® CBI®
Surface Mount LED
BRIGHT SINGLE COLOR


Similar Part No. - 593-212727-013-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202023-002-F DIALIGHT-593-202023-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202024-002-F DIALIGHT-593-202024-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202026-002-F DIALIGHT-593-202026-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202320-002-F DIALIGHT-593-202320-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
More results

Similar Description - 593-212727-013-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
592-2121-002 DIALIGHT-592-2121-002 Datasheet
137Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-3030-002 DIALIGHT-592-3030-002 Datasheet
161Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com