Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592-3230-013 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 592-3230-013
Description  3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

592-3230-013 Datasheet(HTML) 2 Page - Dialight Corporation

  592-3230-013 Datasheet HTML 1Page - Dialight Corporation 592-3230-013 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
ABSOLUTE MAXIMUM RATINGS (TA= 25OC)
COLOR
Super Red/Green
Yellow/Green
Super Red/Yellow
POWER DISSIPATION
100mW
100mW
100mW
FORWARD DC CURRENT
30mA
30mA
30mA
PEAK FORWARD CURRENT (10 usec)
500mA
500mA
500mA
OPERATING TEMPERATURE
-55
OC to +100OC
STORAGE TEMPERATURE
-55
OC to +100OC
SOLDERING TEMPERATURES
CONVECTION IR
235
OC Peak, above 185OC for 90 sec., 215OC for 3 min.
VAPOR PHASE
Parameter
30
31
32
OPERATING CHARACTERISTICS (TA= 25OC)
3mm Bi-level Prism
® CBI®
Surface Mount LED, Bi-Color
Test
Parameters
Part No.
Color
Min
Typ
Max
Units
Cond.
FORWARD VOLTAGE
VF
REVERSE VOLTAGE
VR
DOMINANT WAVELENGTH
Dom
LUMINOUS INTENSITY
lv
VIEWING ANGLE
(2O 1/2)
30
Super Red/Green
2/2
2.6/2.6
31
Yellow/Green
2/2
2.6/2.6
32
Super Red/Yellow
2/2
2.6/2.6
30
Super Red/Green
5/5
31
Yellow/Green
5/5
32
Super Red/Yellow
5/5
30
Super Red/Green
628/570
31
Yellow/Green
586/570
32
Super Red/Yellow
528/586
30
Super Red/Green
6.5/8
31
Yellow/Green
6.5/8
32
Super Red/Yellow
6.5/6.5
30
Super Red/Green
40/40
31
Yellow/Green
40/40
32
Super Red/Yellow
40/40
V
V
nm
mcd
deg.
IF=10mA
IR=10uA
IF=20mA
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
MDEF592B001_B


Similar Part No. - 592-3230-013

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
592-3535-013 DIALIGHT-592-3535-013 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
More results

Similar Description - 592-3230-013

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
592-2121-002 DIALIGHT-592-2121-002 Datasheet
137Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
553-0112F DIALIGHT-553-0112F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com