Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-6001-602F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 597-6001-602F
Description  microLED SMD LEDs REVERSE MOUNT 1206 PACKAGE (3.2MM X 1.6MM X 1.1MM)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-6001-602F Datasheet(HTML) 1 Page - Dialight Corporation

  597-6001-602F Datasheet HTML 1Page - Dialight Corporation 597-6001-602F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
597-6XX1-60XF SERIES
MDEF597RM001_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
microLED
® SMD LEDs
REVERSE MOUNT 1206 PACKAGE
(3.2MM X 1.6MM X 1.1MM)
SPECIFICATIONS
RoHS Compliant
Gold (Au) plated lead finish
Compatible with automatic placement equipment
Compatible with RoHS compliant surface mount reflow
soldering processes
Packaged in moisture barrier bags for dry packaging
per IPC/JEDEC J-STD-033, moisture sensitivity level 3
APPLICATIONS
Reverse mount 597 series microLED® are available in a
variety of colors in AlInGaP and InGaN chip technology for
high brightness applications. Reverse mount channels the
light into various applications such as light pipes, and
backlighting.
Note: All dimensions are in inches [mm]
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
Note: -602F = Pkg 20 pcs / strip
-607F = Pkg 3000 pcs / 7” reel


Similar Part No. - 597-6001-602F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-6001-602F DIALIGHT-597-6001-602F Datasheet
111Kb / 1P
   3.2mm x 1.6mm x 1.1mm REVERSE MOUNT LED; RoHS COMPLIANT
More results

Similar Description - 597-6001-602F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17596 DIALIGHT-C-17596 Datasheet
111Kb / 1P
   3.2mm x 1.6mm x 1.1mm REVERSE MOUNT LED; RoHS COMPLIANT
C-17741 DIALIGHT-C-17741 Datasheet
135Kb / 1P
   3.2mm x 1.6mm x 1.1mm REVERSE MOUNT LED; RoHS COMPLIANT
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
   3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
LUMEX INC.
SML-LX12012MWC-WB3 LUMEX-SML-LX12012MWC-WB3_17 Datasheet
64Kb / 1P
   3.2mm X 1.6mm Surface Mount
SML-LX1206GC-TR1 LUMEX-SML-LX1206GC-TR1_17 Datasheet
163Kb / 2P
   3.2mm X 1.6mm Surface Mount
logo
Dialight Corporation
598-8210-107F DIALIGHT-598-8210-107F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1206 PACKAGE (3.2mm X 1.6mm X 0.7mm) Single Color Water Clear
logo
Kingbright Corporation
KPT-3216SRC-PRV KINGBRIGHT-KPT-3216SRC-PRV Datasheet
75Kb / 4P
   3.2mm X 1.6mm SMD CHIP LED LAMP
logo
LUMEX INC.
SML-LX1206IW-TR LUMEX-SML-LX1206IW-TR Datasheet
161Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1206SUGC-TR LUMEX-SML-LXL1206SUGC-TR Datasheet
145Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1307SUGC-TR LUMEX-SML-LXL1307SUGC-TR Datasheet
58Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com