Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-2405-105F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 586-2405-105F
Description  Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-2405-105F Datasheet(HTML) 1 Page - Dialight Corporation

  586-2405-105F Datasheet HTML 1Page - Dialight Corporation 586-2405-105F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS Compliant
High brightness with low current draw - uses up to 90%
less energy than incandescent
Long life - up to 100K hours
True non-polarized configurations available
No heat generated
Mounts directly into industry-standard socket
Resistant to shock and vibration
AlInGaP and InGaN technology
Super bright single chip design
Colors include red, green, yellow, blue and white
Dialight's line of based LED lamps is designed to directly
replace many popular subminiature and miniature incandescent
lamps. The benefits of LED technology over incandescent are
significant: They offer long life, are shock resistant, withstand
vibration and provide energy conservation.
586 Series
Single Chip BASED LED
T 3 1/4 MINIATURE BAYONET (BA9s)
SPECIFICATIONS
Measurements are typical
Dimensions are inches [mm]
Operating Voltages: 6, 14, and 28 VDC
Polarized and non-polarized available
Operating temperature: -30oC to +85oC
Storage temperature: -40oC to +100oC
Replaces incandescent lamp numbers: 44,
47, 313, 755,1815, 1819, 1847, 1850, 1866,
1889, 1891, 1892, 1893 and 1895*
*
See Dialight’s Incandescent lamp/based LED
cross reference for a complete listing.
Tinted Color Lens
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
CONSIDERATIONS
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the
LED. If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses,
which will optimize the light output.
If you are unfamiliar with the the polarity of the circuit, Dialight recommends using a non-polarized version.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
MDEL586E001_F
Center Contact
(+) Plus for
Polarized Versions


Similar Part No. - 586-2405-105F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-2405-220F DIALIGHT-586-2405-220F Datasheet
106Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
More results

Similar Description - 586-2405-105F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
logo
Chicago Miniature Lamp,...
CM49 CML-CM49 Datasheet
218Kb / 1P
   T-3 1/4 Miniature Bayonet Base
CM1826 CML-CM1826 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Dialight Corporation
586-2701-220F DIALIGHT-586-2701-220F Datasheet
112Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE SCREW BASE (E10)
logo
Chicago Miniature Lamp,...
18602 CML-18602 Datasheet
49Kb / 1P
   T 31/4 Bayonet Based LED
logo
Dialight Corporation
586-1101-001F DIALIGHT-586-1101-001F Datasheet
110Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
   Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Chicago Miniature Lamp,...
CM2059 CML-CM2059 Datasheet
242Kb / 1P
   T-2 3/4 Miniature Bayonet Base Halogen Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com