Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-1105-005F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 586-1105-005F
Description  Single Chip BASED LED T 1 3/4 MIDGET FLANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-1105-005F Datasheet(HTML) 2 Page - Dialight Corporation

  586-1105-005F Datasheet HTML 1Page - Dialight Corporation 586-1105-005F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
T 1 3/4 MIDGET FLANGE - POLARIZED
586 Series
Single Chip BASED LED
T 1 3/4 MIDGET FLANGE
With the technological advancements in Light Emitting Diodes (LEDs) brightness can now rival the incandescent
lamp when used in similar packages. These advancements have created a new type of product called the based
LED - an LED with the functionality of an incandescent bulb.
The following styles are currently available in red, green, yellow, blue and white:
T 1 3/4 Midget Flange
T 1 3/4 Bi-Pin
T 1 3/4 Wedge (T5)
T 2 Telephone Slide
T 3 1/4 Miniature Bayonet (BA9S)
T 3 1/4 Miniature Screw (E10)
T 3 1/4 Wedge (T10)
15mm SC Bayonet (BA15S)
Dialight’s line of based LEDs continues to grow.
Please visit our website for more information.
www.dialight.com
Based LE Ds
SELECTION
* Color coordinates: x = .320, y = .320
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
PART NUMBER
COLOR
PEAK
WAVELENGTH
(nm)
VOLTAGE
(VDC)
CURRENT
TYP.-(mA)
INTENSITY
TYP.-(mcd)
RoHS
COMPLIANT
586-1101-001F
Red
639
6
10
775
586-1102-001F
Green
520
6
10
600
586-1103-001F
Yellow
592
6
10
775
586-1105-001F
Blue
467
6
10
210
586-1106-001F
White
*
6
10
460
586-1101-003F
Red
639
14
10
775
586-1102-003F
Green
520
14
10
600
586-1103-003F
Yellow
592
14
10
775
586-1105-003F
Blue
467
14
10
210
586-1106-003F
White
*
14
10
460
586-1101-005F
Red
639
28
10
775
586-1102-005F
Green
520
28
10
600
586-1103-005F
Yellow
592
28
10
775
586-1105-005F
Blue
467
28
10
210
586-1106-005F
White
*
28
10
460
MDEL586S001_A


Similar Part No. - 586-1105-005F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1105-101F DIALIGHT-586-1105-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1105-103F DIALIGHT-586-1105-103F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1105-105F DIALIGHT-586-1105-105F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
More results

Similar Description - 586-1105-005F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
logo
Chicago Miniature Lamp,...
1510125UR3 CML-1510125UR3 Datasheet
47Kb / 1P
   T 13/4 Midget Flange Based LED
logo
Dialight Corporation
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
logo
Chicago Miniature Lamp,...
CM331 CML-CM331 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
1512125UR3 CML-1512125UR3 Datasheet
48Kb / 1P
   T 13/4 Midget Groove Based LED
CM7302 CML-CM7302 Datasheet
224Kb / 1P
   T-1 1/4 Special Midget Flange Base
logo
Dialight Corporation
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
logo
Chicago Miniature Lamp,...
CM7234 CML-CM7234 Datasheet
221Kb / 1P
   T-1 Sub-Midget Flange Base
logo
Dialight Corporation
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com