Electronic Components Datasheet Search |
|
586-2406-101F Datasheet(PDF) 1 Page - Dialight Corporation |
|
586-2406-101F Datasheet(HTML) 1 Page - Dialight Corporation |
1 / 2 page FEATURES / BENEFITS RoHS Compliant High brightness with low current draw - uses up to 90% less energy than incandescent Long life - up to 100K hours True non-polarized configurations available No heat generated Mounts directly into industry-standard socket Resistant to shock and vibration AlInGaP and InGaN technology Super bright single chip design Colors include red, green, yellow, blue and white Dialight's line of based LED lamps is designed to directly replace many popular subminiature and miniature incandescent lamps. The benefits of LED technology over incandescent are significant: They offer long life, are shock resistant, withstand vibration and provide energy conservation. 586 Series Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s) SPECIFICATIONS Measurements are typical Dimensions are inches [mm] Operating Voltages: 6, 14, and 28 VDC Polarized and non-polarized available Operating temperature: -30oC to +85oC Storage temperature: -40oC to +100oC Replaces incandescent lamp numbers: 44, 47, 313, 755,1815, 1819, 1847, 1850, 1866, 1889, 1891, 1892, 1893 and 1895* * See Dialight’s Incandescent lamp/based LED cross reference for a complete listing. Tinted Color Lens Dialight Corporation 1501 Route 34 South • Farmingdale, NJ 07727 USA Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com CONSIDERATIONS Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the LED. If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses, which will optimize the light output. If you are unfamiliar with the the polarity of the circuit, Dialight recommends using a non-polarized version. Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced. Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage. Dialight does not recommend that based LED lamps be used in neon sockets. Dialight reserves the right to make changes at any time in order to supply the best product possible. MDEL586E001_F Center Contact (+) Plus for Polarized Versions |
Similar Part No. - 586-2406-101F |
|
Similar Description - 586-2406-101F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |