Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-1306-101F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 586-1306-101F
Description  Single Chip BASED LED T1 3/4 BI-PIN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-1306-101F Datasheet(HTML) 1 Page - Dialight Corporation

  586-1306-101F Datasheet HTML 1Page - Dialight Corporation 586-1306-101F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS compliant
High brightness with low current draw - uses up to 90%
less energy than incandescent
Long life - up to 100K hours
No heat generated
Mounts directly into industry-standard socket
Resistant to shock and vibration
AlInGaP and InGaN technology
Super bright single chip design
Colors include red, green, yellow, blue and white
Dialight's line of based LED lamps is designed to directly
replace many popular subminiature and miniature incandescent
lamps. The benefits of LED technology over incandescent are
significant: They offer long life, are shock resistant, withstand
vibration and provide energy conservation.
586 Series
Single Chip BASED LED
T1 3/4 BI-PIN
SPECIFICATIONS
Operating Voltages: 6, 14, and 28 VDC
Operating temperature: -30oC to +80oC
Storage temperature: -40oC to +85oC
Replaces incandescent lamp numbers*: 2314,
2323, 2324, 2325, 2335, 2337, 2342, 7327, 7328,
7330, 7349, 7377, 7380, 7381, 7382, 7387, 7876,
and 7945
*See Dialight’s Incandescent lamp/based LED
cross reference for a complete listing
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
CONSIDERATIONS
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the LED.
If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses,
which will optimize the light output.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.
MDEL586R001_C
Measurements are typical
Dimensions are inches [mm]
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Polarity Indicators


Similar Part No. - 586-1306-101F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-102111-2 ETC2-586-102111-2 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-3 ETC2-586-102111-3 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-3A ETC2-586-102111-3A Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-5 ETC2-586-102111-5 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-102111-6 ETC2-586-102111-6 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
More results

Similar Description - 586-1306-101F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
585-3211 DIALIGHT-585-3211 Datasheet
116Kb / 2P
   Multi-Chip BASED LED T1 3/4 Bi-Pin
586-1A01-101F DIALIGHT-586-1A01-101F Datasheet
118Kb / 2P
   SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
logo
Chicago Miniature Lamp,...
1501035X CML-1501035X Datasheet
254Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 4-Chip-LED
1501045X CML-1501045X Datasheet
254Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 4-Chip-LED
logo
Dialight Corporation
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
586-1201-201F DIALIGHT-586-1201-201F Datasheet
124Kb / 2P
   BASED LED T1 3/4 WEDGE (T5)
logo
Chicago Miniature Lamp,...
1501235X CML-1501235X Datasheet
255Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 6-Chip-LED
1501245X CML-1501245X Datasheet
255Kb / 1P
   MultiLEDs T1(3mm) BI-Pin 6-Chip-LED
logo
Bivar, Inc.
909-235NT BIVAR-909-235NT Datasheet
163Kb / 1P
   SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
909-235BK BIVAR-909-235BK Datasheet
163Kb / 1P
   SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com