Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-1202-202F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 586-1202-202F
Description  BASED LED T1 3/4 WEDGE (T5)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-1202-202F Datasheet(HTML) 2 Page - Dialight Corporation

  586-1202-202F Datasheet HTML 1Page - Dialight Corporation 586-1202-202F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T1 3/4 WEDGE (T5) NON-POLARIZED
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL586L001_B
With the technological advancements in Light Emitting Diodes (LEDs) brightness can now rival the incandescent lamp when used
in similar packages. These advancements have created a new type of product called the based LED - an LED with the functionality
of an incandescent bulb.
The following styles are currently available in red, green, yellow, blue and white:
T1 3/4 Midget Flange
T1 3/4 Bi-Pin
T1 3/4 Wedge (T5)
T2 Telephone Slide
T3 1/4 Miniature Bayonet (BA9s)
T3 1/4 Miniature Screw (E10)
T3 1/4 Wedge (T10)
15mm SC Bayonet (BA15s)
Dialight’s line of based LEDs continues to grow. Please visit our website for more information.
www.dialight.com
Based LE Ds SELECTION
586 Series BASED LED
T1 3/4 WEDGE (T5)
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
PART NUMBER
COLOR
PEAK
WAVELENGTH
(nm)
VOLTAGE
(VDC)
CURRENT
TYP.-(mA)
INTENSITY
TYP.-(mcd)
RoHS
COMPLIANT
586-1201-201F
Red
615
6
35
450
586-1202-201F
Green
528
6
12
120
586-1203-201F
Yellow
587
6
35
450
586-1205-201F
Blue
470
6
12
50
586-1206-201F
White
*
6
15
320
586-1201-202F
Red
615
12
18
450
586-1202-202F
Green
528
12
8
170
586-1203-202F
Yellow
587
12
18
450
586-1205-202F
Blue
470
12
8
70
586-1206-202F
White
*
12
11
450
586-1201-203F
Red
615
14
20
500
586-1202-203F
Green
528
14
8.5
185
586-1203-203F
Yellow
587
14
20
500
586-1205-203F
Blue
470
14
8.5
75
586-1206-203F
White
*
14
12
500
586-1201-204F
Red
615
24
14
350
586-1202-204F
Green
528
24
10
215
586-1203-204F
Yellow
587
24
14
350
586-1205-204F
Blue
470
24
10
85
586-1206-204F
White
*
24
14
580
586-1201-205F
Red
615
28
14
350
586-1202-205F
Green
528
28
10
210
586-1203-205F
Yellow
587
28
14
350
586-1205-205F
Blue
470
28
10
80
586-1206-205F
White
*
28
14
540
* Color Coordinates: x = .330, y = .330


Similar Part No. - 586-1202-202F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-120111 ETC2-586-120111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
586-120111-2 ETC2-586-120111-2 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-120111-3 ETC2-586-120111-3 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-120111-3A ETC2-586-120111-3A Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-120111-5 ETC2-586-120111-5 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
More results

Similar Description - 586-1202-202F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1A01-101F DIALIGHT-586-1A01-101F Datasheet
118Kb / 2P
   SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-3211 DIALIGHT-585-3211 Datasheet
116Kb / 2P
   Multi-Chip BASED LED T1 3/4 Bi-Pin
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
586-1301-101F DIALIGHT-586-1301-101F Datasheet
123Kb / 2P
   Single Chip BASED LED T1 3/4 BI-PIN
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
   586 Series BASED LED T3 1/4 WEDGE (T10)
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
   T-3 1/4 24V WEDGE BASE LED
logo
P-tec Corporation
PL15-CDY01 P-TEC-PL15-CDY01 Datasheet
30Kb / 1P
   5MM (T1 3/4) LED
PL16D-WCR23 P-TEC-PL16D-WCR23 Datasheet
73Kb / 1P
   5MM (T1 3/4) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
   5MM (T1 3/4) LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com