Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-1103-003F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 586-1103-003F
Description  Single Chip BASED LED T 1 3/4 MIDGET FLANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

586-1103-003F Datasheet(HTML) 1 Page - Dialight Corporation

  586-1103-003F Datasheet HTML 1Page - Dialight Corporation 586-1103-003F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS Compliant
High brightness with low current draw - uses up to 90%
less energy than incandescent
Long life - up to 100K hours
No heat generated
Mounts directly into industry-standard socket
Resistant to shock and vibration
AlInGaP and InGaN technology
Super bright single chip design
Colors include red, green, yellow, blue and white
Dialight's line of based LED lamps is designed to directly
replace many popular subminiature and miniature incandescent
lamps. The benefits of LED technology over incandescent are
significant: They offer long life, are shock resistant, withstand
vibration and provide energy conservation.
586 Series
Single Chip BASED LED
T 1 3/4 MIDGET FLANGE
SPECIFICATIONS
Operating Voltages: 6, 14, and 28 VDC
Operating temperature: -40oC to +80oC
Storage temperature: -40oC to +100oC
Replaces incandescent lamp numbers: 327,
328, 330, 345,349, 350, 376, 377, 380, 381,
382, 385, 387, and 7341*
*
See Dialight’s Incandescent lamp/based LED
cross reference for a complete listing.
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
CONSIDERATIONS
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the
LED. If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses,
which will optimize the light output.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.
MDEL586S001_A
Measurements are typical
Dimensions are inches [mm]
.558
[14.18]
.242
[6.15]
.284
[7.2]
CENTER CONTACT
(-) NEGATIVE
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
(Center Contact Negative)


Similar Part No. - 586-1103-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1103-101F DIALIGHT-586-1103-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1103-103F DIALIGHT-586-1103-103F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1103-105F DIALIGHT-586-1103-105F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
More results

Similar Description - 586-1103-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
logo
Chicago Miniature Lamp,...
1510125UR3 CML-1510125UR3 Datasheet
47Kb / 1P
   T 13/4 Midget Flange Based LED
logo
Dialight Corporation
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
logo
Chicago Miniature Lamp,...
CM331 CML-CM331 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
1512125UR3 CML-1512125UR3 Datasheet
48Kb / 1P
   T 13/4 Midget Groove Based LED
CM7302 CML-CM7302 Datasheet
224Kb / 1P
   T-1 1/4 Special Midget Flange Base
logo
Dialight Corporation
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
logo
Chicago Miniature Lamp,...
CM7234 CML-CM7234 Datasheet
221Kb / 1P
   T-1 Sub-Midget Flange Base
logo
Dialight Corporation
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com