Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

585-2221 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 585-2221
Description  Multi-Chip BASED LED T 1 3/4 Wedge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

585-2221 Datasheet(HTML) 1 Page - Dialight Corporation

  585-2221 Datasheet HTML 1Page - Dialight Corporation 585-2221 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
Low current draw - uses up to 90% less energy
than incandescent
Long Life - up to 100K hours
True non-polarized configurations available
No heat generated
Mounts directly into industry standard socket
Available in 6, 14, and 28 VDC
585 Series
Multi-Chip BASED LED
T 1 3/4 Wedge
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDEL585WG001_B
SPECIFICATIONS
CONSIDERATIONS
Dialight's line of based LED lamps is designed to directly
replace many popular subminiature and miniature incandescent
lamps. The benefits of LED technology over incandescent are
significant: They offer long life, are shock resistant, withstand
vibration and provide energy conservation.
Measurements are typical
Dimensions are inches [mm]
Operating Voltages: 6, 14, and 28 VDC
Polarized and non-polarized available
Operating temperature: -20°C to +60°C
Storage temperature: -30oC to +100oC
Replaces incandescent lamp numbers: 16, 17,
18, 37, 70, 73, 74, 79, 84, 85 and 86.*
* See Dialight’s Incandescent lamp/based LED
cross reference for a complete listing.
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the
LED. If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses,
which will optimize the light output.
If you are unfamiliar with the polarity of the circuit, Dialight recommends using the non-polarized version.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.


Similar Part No. - 585-2221

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
585-2221 DIALIGHT-585-2221 Datasheet
21Kb / 1P
   BASED LEDs-MULTI-CHIP
More results

Similar Description - 585-2221

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM11 CML-CM11 Datasheet
223Kb / 1P
   T-1 3/4 Wedge Base
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
   T-3 1/4 24V WEDGE BASE LED
logo
Dialight Corporation
586-1201-201F DIALIGHT-586-1201-201F Datasheet
124Kb / 2P
   BASED LED T1 3/4 WEDGE (T5)
586-1A01-101F DIALIGHT-586-1A01-101F Datasheet
118Kb / 2P
   SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
586-1101-001F DIALIGHT-586-1101-001F Datasheet
110Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
   586 Series BASED LED T3 1/4 WEDGE (T10)
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
586-2701-220F DIALIGHT-586-2701-220F Datasheet
112Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE SCREW BASE (E10)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com