Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

568-0202-222 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 568-0202-222
Description  3mm LED CBI Circuit Board Indicator QUAD-LEVEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

568-0202-222 Datasheet(HTML) 2 Page - Dialight Corporation

  568-0202-222 Datasheet HTML 1Page - Dialight Corporation 568-0202-222 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Color
Peak
Wavelength (nm)
lv
mcd
Test
Voltage
Test Current
(mA)
Viewing Angle
2O 1/2
OPERATING CHARACTERISTICS (TA= 25
OC)
3mm LED CBI
® Circuit Board Indicator
Quad-Level
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
Part Number
Color
Peak
Wavelength (nm)
Iv
mcd
VF
volts
Test Current
(mA)
Viewing Angle
2O 1/2
HIGH EFFICIENCY - LED TYPE 1
568-010x-xxx
Red
Green
Yellow
635
565
585
10.0
12.6
10.0
2
2.1
2.1
10
10
10
60
o
60
o
60
o
LOW CURRENT - LED TYPE 2
Part Number
Color
Peak
Wavelength (nm)
lv
mcd
VF
volts
Test Current
(mA)
Viewing Angle
2O 1/2
568-020x-xxx
Red
Green
Yellow
635
565
585
1.6
1.6
1.6
1.7
1.9
1.8
2
2
2
60
o
60
o
60
o
INTEGRAL RESISTOR, 5 VOLTS - LED TYPE 3
568-010x-xxx
Red
Green
Yellow
635
565
583
4
8
8
5
5
5
10
12
10
60
o
60
o
60
o
BI-COLOR - LED TYPE 7
Green/Red
Green/Yellow
568-070x-xxx
565/635
565/585
10.0/4.7
6.3/4.3
2.1/2.0
2.1/2.1
10/10
10/10
60
o
60
o
Part Number
Color
Peak
Wavelength (nm)
lv
mcd
VF
volts
Test Current
(mA)
Viewing Angle
2O 1/2
MDEA568X001_B
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com


Similar Part No. - 568-0202-222

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
568-0202-222 DIALIGHT-568-0202-222 Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
More results

Similar Description - 568-0202-222

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com