Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

557-1805-203F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 557-1805-203F
Description  High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

557-1805-203F Datasheet(HTML) 2 Page - Dialight Corporation

  557-1805-203F Datasheet HTML 1Page - Dialight Corporation 557-1805-203F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
557 Series
High Intensity LED Panel Mount Indicators
for
11
/16” Mounting Hole
Watertight
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL557U001_D
LED Panel Mount Indicator Selection
Dialight’s line of LED Panel Mount Indicators are available in a variety of sizes and options.
Please visit our website for more information.
www.dialight.com
u
.156” 558 Series
u
8mm 608 Series
u
.250” 559 Series
u
9mm 609 Series
u
5mm 605 Series
u
10mm 610 Series
u
6mm 606 Series
u
11/16” Watertight 557 Series
u
7mm 607 Series
u
1” Watertight 556 Series
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Custom capabilities: Please contact factory regarding customizing these indicators to your specific requirement.
PART NUMBER
COLOR
VOLTAGE
(VDC)
CURRENT
(mA)
TYPICAL
LUMINANCE
(fL)
RoHS
COMPLIANT
557-1502-203F
Red
5
80
1000
a
557-1602-203F
Green
5
16
1000
a
557-1702-203F
Yellow
5
80
1000
a
557-1802-203F
Blue
5
16
250
a
557-1002-203F
White
5
16
700
a
557-1503-203F
Red
12
20
1000
a
557-1603-203F
Green
12
16
1000
a
557-1703-203F
Yellow
12
20
1000
a
557-1803-203F
Blue
12
16
250
a
557-1003-203F
White
12
16
700
a
557-1505-203F
Red
24
20
1000
a
557-1605-203F
Green
24
16
1000
a
557-1705-203F
Yellow
24
20
1000
a
557-1805-203F
Blue
24
16
250
a
557-1005-203F
White
24
16
700
a


Similar Part No. - 557-1805-203F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
557-1805-203 DIALIGHT-557-1805-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
More results

Similar Description - 557-1805-203F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
   Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
656 DIALIGHT-656 Datasheet
532Kb / 4P
   High Intensity LED Panel Mount Indicators
Nov2021
556-1103-304 DIALIGHT-556-1103-304 Datasheet
45Kb / 1P
   11/16, 1 MOUNTING HOLE WATERTIGHT
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com