Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

558-0202-007F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 558-0202-007F
Description  5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

558-0202-007F Datasheet(HTML) 1 Page - Dialight Corporation

  558-0202-007F Datasheet HTML 1Page - Dialight Corporation 558-0202-007F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS compliant
Long life - typically 100K hours
Low power consumption - uses up to 90% less energy
than an incandescent indicator
Front panel snap-in mounting requires no additional hardware
No heat generated
Resistant to shock and vibration
Termination - straight terminals for wire wrapping or
lead wire for soldering or optional terminals
Colors include - red, green, yellow
558 Series
5V Integral Resistor
Snap-in LED - .156” Mounting Hole
Panel Mount Indicators
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL558SI001_B
APPLICATIONS
Dialight's 558 series LED panel mount indicator is available with
a variety of LEDs including
AlInGaP and InGaN technology for
high brightness applications, bicolor and integral resistors. These
indicators are designed for a variety of applications such as:
• Main and remote power indication
• Maintenance and warning indication
• Status indication
• Instrumentation
……..and many more!
SPECIFICATIONS
Voltage requirements: 5 VDC (No resistors required)
Operating temperature: -40°C to +85°C
Mounting hole size: 0.155 - 0.158" (3.94 - 4.01 mm)
Storage temperature: -55°C to +100°C
Panel thickness: 0.031 - 0.062" (.787 - 1.57 mm)
Electrical connection
Housing: Black housing material meets
Straight terminals for wire wrapping or either
UL94V-0 and enhances LED contrast
6 or 14 inch 26 AWG lead wire
Please see back of page for part numbers and additional specifications.
4.78 [.188]
11.89 [.468]
MAX
6.99
[.275]
MIN
1.25
[.050]
REF.
.51 [.020]
SQ.
4.83 [.190]
2.54
[.100]
ANODE
12.70 [.500]
+
STRAIGHT TERMINALS - TERMINATION OPTION 001
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
3.18
[.125]
REF.
SEE
ORDER
CODE
12.70 [.500]
TYP.
*26 AWG 6” WIRE LEADS - TERMINATION OPTION 003
26 AWG 14” WIRE LEADS - TERMINATION OPTION 007
NOTE: WIRE LEAD COLOR RED (ANODE) AND BLACK (CATHODE)
Dimensions in mm [inches]
*


Similar Part No. - 558-0202-007F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-0202-007F DIALIGHT-558-0202-007F Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
More results

Similar Description - 558-0202-007F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com