Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

558-1601-003F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 558-1601-003F
Description  Snap-in LED Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

558-1601-003F Datasheet(HTML) 1 Page - Dialight Corporation

  558-1601-003F Datasheet HTML 1Page - Dialight Corporation 558-1601-003F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS compliant
Long life - typically 100K hours
High Brightness for daylight viewing
Non-tinted/Non-diffused or Tinted/Non-diffused LED
Low power consumption - uses up to 90% less energy
than an incandescent indicator
Front panel snap-in mounting requires no additional hardware
No heat generated
Resistant to shock and vibration
Termination - straight terminals for wire wrapping or
lead wire for soldering or optional terminals
Colors include - red, green, yellow. blue and white
558 Series - Daylight Viewable
Snap-in LED
Panel Mount Indicators
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL558DV001_B
APPLICATIONS
Dialight's 558 series LED panel mount indicator is available with
a variety of LEDs including AlInGaP and InGaN technology for
high brightness applications, bicolor and integral resistors. These
indicators are designed for a variety of applications such as:
• Main and remote power indication
• Maintenance and warning indication
• Status indication
• Instrumentation
……..and many more!
SPECIFICATIONS
Voltage requirements:
Operating temperature: -55°C to +100°C
2.1 - 3.5 VDC typical (current limiting resistor required)
Storage temperature: -55°C to +100°C
Mounting hole size: 0.155 -0.158" (3.94 - 4.01 mm)
Electrical connection
Panel thickness: 0.031-0.062" (.787 - 1.57 mm)
Straight terminals for wire wrapping or either
Housing: Black housing material meets
6 or 14 inch 26 AWG lead wire
UL94V-0 and enhances LED contrast
Please see back of page for part numbers and additional specifications.
STRAIGHT TERMINALS - TERMINATION OPTION 1
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
*26 AWG 6” WIRE LEADS - TERMINATION OPTION 3
26 AWG 14” WIRE LEADS - TERMINATION OPTION 7
NOTE: WIRE LEAD COLOR RED (ANODE) AND BLACK (CATHODE)
Dimensions in mm [inches]
*


Similar Part No. - 558-1601-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-1601-003F DIALIGHT-558-1601-003F Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
More results

Similar Description - 558-1601-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-1101-001F DIALIGHT-558-1101-001F Datasheet
135Kb / 2P
   Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
logo
P-tec Corporation
PL519-1R21 P-TEC-PL519-1R21 Datasheet
76Kb / 1P
   LED Snap-in Panel Mount Holder
logo
Dialight Corporation
656 DIALIGHT-656 Datasheet
532Kb / 4P
   High Intensity LED Panel Mount Indicators
Nov2021
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
   PANEL MOUNT INDICATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com