Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

556-1706-304F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 556-1706-304F
Description  High Intensity LED Panel Mount Indicators for 1' Mounting Hole for 37.5, 72 and 125 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

556-1706-304F Datasheet(HTML) 2 Page - Dialight Corporation

  556-1706-304F Datasheet HTML 1Page - Dialight Corporation 556-1706-304F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
556 Series
High Intensity LED Panel Mount
Indicators for 1” Mounting Hole
for 37.5, 72 and 125 VDC
Watertight - NEMA4X IP66
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
DOME LENS - 37.5, 72 & 125 VDC
Other voltages and colors are available.
Please contact our factory for more information.
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
FLAT LENS - 37.5, 72 & 125 VDC
TYPICAL
TYPICAL
PART
COLOR
VOLTAGE
CURRENT LUMINANCE
NUMBER
(VDC)
(mA)
(fL)
556-1508-304F
Red
37.5
20
2600
556-1608-304F
Green
37.5
16
4000
556-1708-304F
Yellow
37.5
20
2600
556-1506-304F
Red
72
18.5
1800
556-1606-304F
Green
72
16
1800
556-1706-304F
Yellow
72
20
1000
556-1507-304F
Red
125
10
700
556-1607-304F
Green
125
10
1000
556-1707-304F
Yellow
125
10
700
TYPICAL
TYPICAL
PART
COLOR
VOLTAGE
CURRENT LUMINANCE
NUMBER
(VDC)
(mA)
(fL)
556-3508-304F
Red
37.5
20
1000
556-3608-304F
Green
37.5
16
1800
556-3708-304F
Yellow
37.5
20
1000
556-3506-304F
Red
72
20
1000
556-3606-304F
Green
72
16
1800
556-3706-304F
Yellow
72
20
1000
556-3507-304F
Red
125
10
700
556-3607-304F
Green
125
10
1000
556-3707-304F
Yellow
125
10
700
MDEL556X002_D


Similar Part No. - 556-1706-304F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1706-314F DIALIGHT-556-1706-314F Datasheet
135Kb / 2P
   Day Light Viewable Panel Mount Indicators for 1' Mounting Hole
556-1706-324F DIALIGHT-556-1706-324F Datasheet
221Kb / 2P
   Class I, Div. 2 Panel Mount Indicators for 1' Mounting Hole
556-1706-324F DIALIGHT-556-1706-324F Datasheet
275Kb / 1P
   1' LED PMI, FLAT LENS CLASS 1, DIV.2
More results

Similar Description - 556-1706-304F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com