Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

433-1210-000XL Datasheet(PDF) 1 Page - Dialight Corporation

Part # 433-1210-000XL
Description  LED Traffic Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

433-1210-000XL Datasheet(HTML) 1 Page - Dialight Corporation

  433-1210-000XL Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
features / Benefits
p Robust High Flux LED Technology
p Ideal for Solar and Battery Application When Used With
LED Driver Provided by Others
p Long Life
p Standard 8” and 12” Modules
p Fully Sealed Module
p Incandescent Appearance
p Abrasion Resistant Lens Coating
p Easy to Install into Existing Signal Enclosure
speCifiCations
p Constant current DC drive source required
(provided by others)
pQuick connect terminals with spade / tab
adapters
p Colored Wire - Positive, White Wire - Negative
p Operating Temperature Range: -40°C to +74°C
p Vibration resistant to Mil-Std-883, Test method
2007
p Moisture Resistant per MIL-STD-810F, Method
506.4 for rain and blowing rain
8” (200 mm) signal modules with no internal driver CirCuit
* Measured at peak intensity point, when driven at the above specified max input drive current.
Part Number
Color
Lens Type
Min Luminous
Intensity* (cd)
Dominant
Wavelength (nm)
Max Input
Drive Current
(mAmps)
433-1110-000XL
Red
Tinted
165
625
375
433-3130-900XL
Yellow
Tinted
410
590
520
433-2120-000XL
Green
Tinted
215
500
600
433-2170-000XL
Green
Clear
215
500
600
12” (300 mm) signal modules with no internal driver CirCuit
Part Number
Color
Lens Type
Min Luminous
Intensity* (cd)
Dominant
Wavelength (nm)
Max Input
Drive Current
(mAmps)
433-1210-000XL
Red
Tinted
365
625
340
433-3230-900XL
Yellow
Tinted
910
590
520
433-2220-000XL
Green
Tinted
475
500
345
433-2270-000XL
Green
Clear
475
500
345
LED Traffic Modules
for use with External Constant Current
DC Drive Applications
Caution: These Dialight LED traffic signal modules do not contain any internal LED Driver circuitry that would limit the current to the
LEDs. These LED modules must be driven with a customer supplied constant current source. Failure to drive these LED modules
from a constant current source or exceeding the drive current specification for the devices can result in catastrophic failure of the LEDs.
Since LED drive current is a function of the system design, LED product warranty is assumed by the system designer / supplier.
MDTS433EC001_A
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTS433EC001.pdf
www.dialight.com


Similar Part No. - 433-1210-000XL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-1210-002 DIALIGHT-433-1210-002 Datasheet
78Kb / 2P
   Caltrans LED Modules
433-1210-003 DIALIGHT-433-1210-003 Datasheet
78Kb / 2P
   Caltrans LED Modules
433-1210-003 DIALIGHT-433-1210-003 Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-1210-003XL DIALIGHT-433-1210-003XL Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-1210-003XL DIALIGHT-433-1210-003XL Datasheet
380Kb / 4P
   ITE Compliant LED Signal Modules
More results

Similar Description - 433-1210-000XL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-1110-005XL DIALIGHT-433-1110-005XL Datasheet
60Kb / 1P
   Low Voltage LED Traffic Modules
433-1210-003XLB DIALIGHT-433-1210-003XLB Datasheet
102Kb / 1P
   12??Bicycle LED Traffic Module
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
LightKey Optoelectronic...
LLR522BGC-D26 LIGHTKEY-LLR522BGC-D26 Datasheet
81Kb / 2P
   5mm Round Blue Green Traffic LED Lamp
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
   Traffic Manager Co-processor
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
OSRAM GmbH
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
   Traffic lights and signaling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com