Electronic Components Datasheet Search |
|
249-7867-3731-504F Datasheet(PDF) 1 Page - Dialight Corporation |
|
249-7867-3731-504F Datasheet(HTML) 1 Page - Dialight Corporation |
1 / 2 page FEATURES / BENEFITS p RoHS Compliant p Long life – typically 100K hours p Low power consumption – uses up to 90% less energy than an incandescent indicator p Front or rear panel mounting p Available in either cylindrical or stovepipe lens, unique internal fresnel design provides uniform illumination p Aluminum black anodized housing enhances contrast p No heat generate p Resistant to shock and vibration p Colors include – red, green, yellow and blue p Polarity indication by terminal (+) denotes anode 249 Series LED Panel Mount Indicators for 3/8” Mounting Hole APPLICATIONS Dialight’s 249 series LED panel mount indicator is available with a variety of LEDs as well as neon for 120 VAC operation. Typical applications for the 249 series include: • Main and remote power indication • Status indication • Maintenance and warning indication • Instrumentation • Process Control ……..and many more! SPECIFICATIONS p Voltage requirements: 3.6, 5, 10, 14 and 28 VDC* p Operating temperature: -20º to +71ºC (No current limiting resistor required) p Storage temperature: -40º to +71ºC p Electrical connection: Turret terminals for wire wrapping p Max Panel thickness: 0.312” (7.92 mm) p Mounting hole size: 0.375” (9.53 mm) p Mounts with knurled flange nut, lock washer and nut. * Dialight recommends tolerance of 5% of specified voltage range (8-10 in-lbs torque) NOTES: 1. Dimensions in inches [mm] 2. All measurements are typical 3. Hardware includes knurled ring, lock washer & hex nut CYLINDRICAL LENS 1 STOVEPIPE LENS POLARITY MARK Lockwash - .22 x 1/2 OD Internal Tooth POLARITY MARK Knurled Flange Nut .099 x .509 max OD Nut - 3/32 x 1/2 Flat Hex Figure 1 Figure 2 .230 [5.80] .571 [14.50] .993 [25.20] .16 [4.06] .330 [8.40] .280 [7.10] .571 [14.50] .993 [25.20] 1. Cylindrical lens will provide wider viewing angle. www.dialight.com |
Similar Part No. - 249-7867-3731-504F |
|
Similar Description - 249-7867-3731-504F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |