Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-674AJN-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI3-674AJN-5
Description  Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-674AJN-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HI3-674AJN-5 Datasheet HTML 1Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 2Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 3Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 4Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 5Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 6Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 7Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 8Page - Intersil Corporation HI3-674AJN-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN3096.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2001, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HI-574A, HI-674A
Complete, 12-Bit A/D Converters with
Microprocessor Interface
The HI-X74(A) is a complete 12-bit, Analog-to-Digital
Converter, including a +10V reference clock, three-state
outputs and a digital interface for microprocessor control.
Successive approximation conversion is performed by two
monolithic dice housed in a 28 lead package. The bipolar
analog die features the Intersil Dielectric Isolation process,
which provides enhanced AC performance and freedom
from latch-up.
Custom design of each IC (bipolar analog and CMOS digital)
has yielded improved performance over existing versions of
this converter. The voltage comparator features high PSRR
plus a high speed current-mode latch, and provides precise
decisions down to 0.1 LSB of input overdrive. More than 2X
reduction in noise has been achieved by using current
instead of voltage for transmission of all signals between the
analog and digital ICs. Also, the clock oscillator is current
controlled for excellent stability over temperature.
The HI-X74(A) offers standard unipolar and bipolar input
ranges, laser trimmed for specified linearity, gain and offset
accuracy. The low noise buried zener reference circuit is
trimmed for minimum temperature coefficient.
Power requirements are +5V and ±12V to ±15V, with typical
dissipation of 385mW (HI-574A, HI-674A) at 12V.
Features
• Complete 12-Bit A/D Converter with Reference and Clock
• Full 8-Bit, 12-Bit or 16-Bit Microprocessor Bus Interface
• Bus Access Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns
• No Missing Codes Over Temperature
• Minimal Setup Time for Control Signals
• Fast Conversion Times
- HI-574A (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25µs
- HI-674A (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15µs
• Low Noise, via Current-Mode Signal Transmission
Between Chips
• Byte Enable/Short Cycle (AO Input)
- Guaranteed Break-Before-Make Action, Eliminating Bus
Contention During Read Operation. Latched by Start
Convert Input (To Set the Conversion Length)
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . ±12V to ±15V
• Pb-Free Available (RoHS Compliant)
Applications
• Military and Industrial Data Acquisition Systems
• Electronic Test and Scientific Instrumentation
• Process Control Systems
Pinout
HI-574A, HI-674A
(28 LD PDIP, SBDIP)
TOP VIEW
STATUS, STS
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DIG COMMON,
DIGITAL
DATA
OUTPUTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CHIP ENABLE, CE
+10V REF, REF OUT
REFERENCE INPUT
20V INPUT
ANALOG
COMMON, AC
+12V/+15V SUPPLY, VCC
BYTE ADDR/SHORT
CYCLE, AO
10V INPUT
+5V SUPPLY, VLOGIC
CHIP SEL, CS
DATA MODE SEL, 12/8
READ/CONVERT, R/C
BIPOLAR OFFSET
BIP OFF
-12V/-15V SUPPLY, VEE
MSB
LSB
DC
Data Sheet
August 7, 2008


Similar Part No. - HI3-674AJN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-674AJN-5 INTERSIL-HI3-674AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI3-674AJN-5 RENESAS-HI3-674AJN-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI3-674AJN-5Z INTERSIL-HI3-674AJN-5Z Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
More results

Similar Description - HI3-674AJN-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com