Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5211IYEZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5211IYEZ
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5211IYEZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5211IYEZ Datasheet HTML 3Page - Intersil Corporation EL5211IYEZ Datasheet HTML 4Page - Intersil Corporation EL5211IYEZ Datasheet HTML 5Page - Intersil Corporation EL5211IYEZ Datasheet HTML 6Page - Intersil Corporation EL5211IYEZ Datasheet HTML 7Page - Intersil Corporation EL5211IYEZ Datasheet HTML 8Page - Intersil Corporation EL5211IYEZ Datasheet HTML 9Page - Intersil Corporation EL5211IYEZ Datasheet HTML 10Page - Intersil Corporation EL5211IYEZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN7119.7
May 7, 2007
FIGURE 7.
70
75
60
65
VS = ±5V
RL = 1kΩ
TEMPERATURE (°C)
-10
-50
30
70
110
150
OPEN-LOOP GAIN vs TEMPERATURE
FIGURE 8.
75
76
74
78
73
72
77
VS = ±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
SLEW RATE vs TEMPERATURE
FIGURE 9.
1.7
2.5
SUPPLY VOLTAGE (V)
1.5
2.9
2.1
2.3
2.7
1.9
TA = +25°C
8
4
121620
SUPPLY CURRENT PER AMPLIFIER vs SUPPLY
VOLTAGE
FIGURE 10.
2.45
2.50
2.40
2.60
2.65
2.55
2.70
VS = ±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
SUPPLY CURRENT PER AMPLIFIER vs
TEMPERATURE
FIGURE 11.
-0.16
-0.04
IRE
-0.18
0.00
-0.12
-0.06
-0.02
-0.14
0
100
200
-0.08
-0.10
VS = ±5V
AV = 2
RL = 1kΩ
DIFFERENTIAL GAIN
FIGURE 12. DIFFERENTIAL PHASE
0.20
IRE
0.00
0.30
0.15
0.25
0
100
200
0.10
0.05
Typical Performance Curves (Continued)
EL5111, EL5211, EL5411


Similar Part No. - EL5211IYEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211IYEZ INTERSIL-EL5211IYEZ Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211IYEZ INTERSIL-EL5211IYEZ Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211IYEZ INTERSIL-EL5211IYEZ Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
logo
Renesas Technology Corp
EL5211IYEZ RENESAS-EL5211IYEZ Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5211IYEZ-T13 INTERSIL-EL5211IYEZ-T13 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5211IYEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com