Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C85RH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS-82C85RH
Description  Radiation Hardened CMOS Static Clock Controller/Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C85RH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS-82C85RH Datasheet HTML 6Page - Intersil Corporation HS-82C85RH Datasheet HTML 7Page - Intersil Corporation HS-82C85RH Datasheet HTML 8Page - Intersil Corporation HS-82C85RH Datasheet HTML 9Page - Intersil Corporation HS-82C85RH Datasheet HTML 10Page - Intersil Corporation HS-82C85RH Datasheet HTML 11Page - Intersil Corporation HS-82C85RH Datasheet HTML 12Page - Intersil Corporation HS-82C85RH Datasheet HTML 13Page - Intersil Corporation HS-82C85RH Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN3044.3
April 20, 2007
Burn-In Circuits
STATIC CONFIGURATION
NOTES:
5. R = 10k
Ω ±10%.
6. VDD = 6.0V ±5%.
7. TA = 125°C Min.
8. Package Code: SZ (24 Lead DIP).
9. F0 is 50% duty cycle square wave pulse burst. F0 is left
low after pulse burst.
DYNAMIC CONFIGURATION
NOTES:
10. R = 10k
Ω ±10%.
11. VDD = 6.0V ±5% (Burn-In); VDD = 5.5V ±5% (Life Test).
12. TA = 125°C Min.
13. Package Code: SZ (24 Lead DIP).
14. F0 = 10kHz, 50% duty cycle.
15. F1 = F0/2; F2 = F1/2; F3 = F2/2, F4 = F3/2; F5 = F4/2.
1
4
5
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
2
3
6
7
VDD
F0
1
4
5
8
9
10
11
12
2
3
6
7
VDD
LOAD
LOAD
F0
F3
F6
F5
F4
F2
F3
F1
F4
LOAD
LOAD
LOAD
F0
LOAD
LOAD
LOAD
2.7k
Ω
2.7k
Ω
VDD
16
17
18
19
20
21
22
23
24
15
14
13
Irradiation Circuit
NOTES:
16. R = 47k
Ω ±10%.
17. Pins tied to VSS (0V): Pin 9.
18. Pins with loads: 2, 5, 8, 10, 16, 18, 22.
19. Pins tied to VDD: 1, 3, 4, 6, 7, 11 - 15, 17, 19 - 21, 23, 24.
20. VDD = 5.5V ±0.5V.
LOAD
1
4
5
8
9
10
11
12
LOAD
2
3
LOAD
6
7
LOAD
LOAD
5.5V
LOAD
LOAD
LOAD
5.5V
2.7k
Ω
2.7k
Ω
16
17
18
19
20
21
22
23
24
15
14
13
HS-82C85RH


Similar Part No. - HS-82C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
   Radiation Hardened CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results

Similar Description - HS-82C85RH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
   Radiation Hardened CMOS Static Clock Controller/Generator
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
   CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com