Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5762 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5762
Description  Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5762 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5762 Datasheet HTML 3Page - Intersil Corporation HI5762 Datasheet HTML 4Page - Intersil Corporation HI5762 Datasheet HTML 5Page - Intersil Corporation HI5762 Datasheet HTML 6Page - Intersil Corporation HI5762 Datasheet HTML 7Page - Intersil Corporation HI5762 Datasheet HTML 8Page - Intersil Corporation HI5762 Datasheet HTML 9Page - Intersil Corporation HI5762 Datasheet HTML 10Page - Intersil Corporation HI5762 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN4318.3
January 22, 2010
Analog Input Capacitance, CIN+ or CIN-
VIN+, VIN- = 2.5V, DC
-
10
-
pF
Analog Input Bias Current, IB+ or IB-VIN+, VIN- = VREF-, VREF+,DC
(Note 4, 5)
-10
-
10
µA
Differential Analog Input Bias Current
IBDIFF = (IB+ - IB-)
(Notes 4, 5)
-0.5
-
+0.5
µA
Full Power Input Bandwidth, FPBW
(Note 4)
-
250
-
MHz
Analog Input Common Mode Voltage Range
(VIN+ + VIN-)/2
Differential Mode (Note 4)
0.25
-
4.75
V
INTERNAL VOLTAGE REFERENCE
Reference Output Voltage, VROUT (Loaded)
2.35
2.5
2.65
V
Reference Output Current, IROUT
-2
4
mA
Reference Temperature Coefficient
-
-400
-
ppm/oC
REFERENCE VOLTAGE INPUT
Reference Voltage Input, VRIN
-2.5
-
V
Total Reference Resistance, RRIN
with VRIN = 2.5V
-
1.25
-
k
Ω
Reference Current, IRIN
with VRIN = 2.5V
-
2
-
mA
DC BIAS VOLTAGE
DC Bias Voltage Output, VDC
-3.0
-
V
Maximum Output Current
--
0.4
mA
SAMPLING CLOCK INPUT
Input Logic High Voltage, VIH
CLK
2.0
-
-
V
Input Logic Low Voltage, VIL
CLK
-
-
0.8
V
Input Logic High Current, IIH
CLK, VIH = 5V
-10.0
-
+10.0
µA
Input Logic Low Current, IIL
CLK, VIL = 0V
-10.0
-
+10.0
µA
Input Capacitance, CIN
CLK
-
7
-
pF
DIGITAL OUTPUTS
Output Logic High Voltage, VOH
IOH = 100µA; DVCC3 = 5V
4.0
-
-
V
Output Logic Low Voltage, VOL
IOL = 100µA; DVCC3 = 5V
-
-
0.8
V
Output Logic High Voltage, VOH
IOH = 100µA; DVCC3 = 3V
2.4
-
-
V
Output Logic Low Voltage, VOL
IOL = 100µA; DVCC3 = 3V
-
-
0.5
V
Output Capacitance, COUT
-7-
pF
TIMING CHARACTERISTICS
Aperture Delay, tAP
-5-
ns
Aperture Jitter, tAJ
-5-
psRMS
Data Output Hold, tH
-
10.7
-
ns
Data Output Delay, tOD
-
11.7
-
ns
Data Latency, tLAT
For a Valid Sample (Note 4)
6
6
6
Cycles
Power-Up Initialization
Data Invalid Time (Note 4)
-
-
20
Cycles
Sample Clock Pulse Width (Low)
(Note 4)
7.5
8.3
-
ns
Sample Clock Pulse Width (High)
(Note 4)
7.5
8.3
-
ns
Sample Clock Duty Cycle Variation
-
±5-
%
POWER SUPPLY CHARACTERISTICS
Analog Supply Voltage, AVCC
(Note 4)
4.75
5.0
5.25
V
Electrical Specifications
AVCC1,2 = DVCC1,2 = +5.0V, DVCC3 = +3.0V; VRIN = 2.50V; fS = 60MSPS at 50% Duty Cycle;
CL = 10pF; TA = +25°C; Differential Analog Input; Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI5762


Similar Part No. - HI5762

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5762/6IN INTERSIL-HI5762/6IN Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762/6IN RENESAS-HI5762/6IN Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results

Similar Description - HI5762

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com