Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL01-HMC830LP6GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # EVAL01-HMC830LP6GE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

EVAL01-HMC830LP6GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  EVAL01-HMC830LP6GE Datasheet HTML 1Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 2Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 3Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation EVAL01-HMC830LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7 - 5
7
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC830LP6GE
v00.0311
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 3000 MHz
Figure 1. Typical Closed Loop Integer
Phase Noise[“LoopFilterConfigurationTable”]
Figure 5. Typical VCO Sensitivity
-200
-180
-160
-140
-120
-100
1
10
100
1000
10000
100000
fout 875 MHz, Loop BW 74 kHz, rms jitter 147 fs
fout 875 MHz, Loop BW 90 kHz, rms jitter 116 fs
fout 1600 MHz, Loop BW 74 kHz, rms jitter 127 fs
fout 1600 MHz, Loop BW 90 kHz, rms jitter 97 fs
fout 2500 MHz, Loop BW 74 kHz, rms jitter 153 fs
fout 2500 MHz, Loop BW 90 kHz, rms jitter 104 fs
OFFSET (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
2817 MHz
2418 MHz
1996 MHz
1575 MHz
OFFSET (kHz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
100
1000
10000
27 C
-40 C
85 C
FREQUENCY (MHz)
100 MHz Offset
1 MHz Offset
100 kHz Offset
Figure 2. Typical Closed Loop Fractional
Phase Noise [“LoopFilterConfigurationTable”]
Figure 3. Free Running Phase Noise
Figure 4. Free Running VCO
Phase Noise vs.Temperature
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
fmin
fmax
-200
-180
-160
-140
-120
-100
1
10
100
1000
10000
100000
fout 880 MHz, Loop BW 74 kHz, rms jitter 149 fs
fout 880 MHz, Loop BW 90 kHz, rms jitter 142 fs
fout 1605 MHz, Loop BW 74 kHz, rms jitter 130 fs
fout 1605 MHz, Loop BW 90 kHz, rms jitter 123 fs
fout 2505 MHz, Loop BW 74 kHz, rms jitter 157 fs
fout 2505 MHz, Loop BW 90 kHz, rms jitter 131 fs
OFFSET (kHz)
0
10
20
30
40
50
60
0
1
2
3
4
5
2817 MHz at 2.5V, Tuning Cap 15
2418 MHz at 2.5V, Tuning Cap 15
1996 MHz at 2.5V, Tuning Cap 15
1575 MHz at 2.5V, Tuning Cap 15
TUNING VOLTAGE (V)
Figure 6. Typical Tuning Voltage
After Calibration


Similar Part No. - EVAL01-HMC830LP6GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL01-HMC832LP6G AD-EVAL01-HMC832LP6G Datasheet
1Mb / 49P
   Cellular infrastructure
More results

Similar Description - EVAL01-HMC830LP6GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com