Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3-6409-9 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HD3-6409-9
Description  CMOS Manchester Encoder-Decoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD3-6409-9 Datasheet(HTML) 1 Page - Intersil Corporation

  HD3-6409-9 Datasheet HTML 1Page - Intersil Corporation HD3-6409-9 Datasheet HTML 2Page - Intersil Corporation HD3-6409-9 Datasheet HTML 3Page - Intersil Corporation HD3-6409-9 Datasheet HTML 4Page - Intersil Corporation HD3-6409-9 Datasheet HTML 5Page - Intersil Corporation HD3-6409-9 Datasheet HTML 6Page - Intersil Corporation HD3-6409-9 Datasheet HTML 7Page - Intersil Corporation HD3-6409-9 Datasheet HTML 8Page - Intersil Corporation HD3-6409-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
HD-6409
CMOS Manchester Encoder-Decoder
The HD-6409 Manchester Encoder-Decoder (MED) is a high
speed, low power device manufactured using self-aligned
silicon gate technology. The device is intended for use in
serial data communication, and can be operated in either of
two modes. In the converter mode, the MED converts Non
return-to-Zero code (NRZ) into Manchester code and
decodes Manchester code into Nonreturn-to-Zero code. For
serial data communication, Manchester code does not have
some of the deficiencies inherent in Nonreturn-to-Zero code.
For instance, use of the MED on a serial line eliminates DC
components, provides clock recovery, and gives a relatively
high degree of noise immunity. Because the MED converts
the most commonly used code (NRZ) to Manchester code,
the advantages of using Manchester code are easily realized
in a serial data link.
In the Repeater mode, the MED accepts Manchester code
input and reconstructs it with a recovered clock. This
minimizes the effects of noise on a serial data link. A digital
phase lock loop generates the recovered clock. A maximum
data rate of 1MHz requires only 50mW of power.
Manchester code is used in magnetic tape recording and in
fiber optic communication, and generally is used where data
accuracy is imperative. Because it frames blocks of data, the
HD-6409 easily interfaces to protocol controllers.
Features
• Converter or Repeater Mode
• Independent Manchester Encoder and Decoder
Operation
• Static to One Megabit/sec Data Rate Guaranteed
• Low Bit Error Rate
• Digital PLL Clock Recovery
• On Chip Oscillator
• Low Operating Power: 50mW Typical at +5V
• Pb-Free Available (RoHS Compliant)
Pinout
HD-6409
(20 LD PDIP, SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
BZI
BOI
UDI
SD/CDS
SDO
SRST
DCLK
NVM
RST
GND
VCC
BZO
SS
ECLK
BOO
CTS
MS
OX
IX
CO
Ordering Information
PART NUMBER
(1 MEGABIT/SEC)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
HD3-6409-9
HD3-6409-9
-40 to +85
20 Ld PDIP
E20.3
HD3-6409-9Z (Notes 2, 3)
HD3-6409-9Z
-40 to +85
20 Ld PDIP (Pb-free)
E20.3
HD9P6409-9
HD9P6409-9
-40 to +85
20 Ld SOIC
M20.3
HD9P6409-9Z (Notes 2, 3)
HD9P6409-9Z
-40 to +85
20 Ld SOIC (Pb-free)
M20.3
HD9P6409-9Z96 (Notes 1, 2, 3)
HD9P6409-9Z
-40 to +85
20 Ld SOIC Tape & Reel
(Pb-free)
M20.3
NOTES:
1. “96” suffix is for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
3. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
FN2951.3
Data Sheet
October 15, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1997, 2005, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HD3-6409-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD3-6409-9 RENESAS-HD3-6409-9 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD3-6409-9Z INTERSIL-HD3-6409-9Z Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
More results

Similar Description - HD3-6409-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com