Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-574A Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI-574A
Description  Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-574A Datasheet(HTML) 4 Page - Intersil Corporation

  HI-574A_08 Datasheet HTML 1Page - Intersil Corporation HI-574A_08 Datasheet HTML 2Page - Intersil Corporation HI-574A_08 Datasheet HTML 3Page - Intersil Corporation HI-574A_08 Datasheet HTML 4Page - Intersil Corporation HI-574A_08 Datasheet HTML 5Page - Intersil Corporation HI-574A_08 Datasheet HTML 6Page - Intersil Corporation HI-574A_08 Datasheet HTML 7Page - Intersil Corporation HI-574A_08 Datasheet HTML 8Page - Intersil Corporation HI-574A_08 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN3096.6
August 7, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage
VCC to Digital Common . . . . . . . . . . . . . . . . . . . . . . 0V to +16.5V
VEE to Digital Common . . . . . . . . . . . . . . . . . . . . . . . 0V to -16.5V
VLOGIC to Digital Common . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Analog Common to Digital Common . . . . . . . . . . . . . . . . . . . .±1V
Control Inputs
(CE, CS, AO, 12/8, R/C) to Digital Common . . -0.5V to VLOGIC +0.5V
Analog Inputs
(REFIN, BIPOFF, 10VIN) to Analog Common . . . . . . . . . . ±16.5V
20VIN to Analog Common . . . . . . . . . . . . . . . . . . . . . . . . . . ±24V
REFOUT . . . . .Indefinite Short To Common, Momentary Short To VCC
Operating Conditions
Temperature Range
HI3-574Axx-5, HI1-674Axx-5 . . . . . . . . . . . . . . . . . . 0°C to +75°C
HI1-574AxD-2, HI1-674AxD-2 . . . . . . . . . . . . . . .-55°C to +125°C
Thermal Resistance (Typical, Note 4)
θJA (°C/W) θJC (°C/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
55
18
PDIP Package* . . . . . . . . . . . . . . . . . . .
60
N/A
Maximum Junction Temperature
PDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Maximum Storage Temperature Range
PDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Die Characteristics
Transistor Count
HI-574A, HI-674A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1117
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC and Transfer Accuracy Specifications Typical at +25°C with VCC = +15V or +12V, VLOGIC = +5V, VEE = -15V or -12V;
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not
production tested.
PARAMETER
TEMPERATURE RANGE
-5 (0°C to +75°C)
UNITS
J SUFFIX
K SUFFIX
DYNAMIC CHARACTERISTICS
Resolution (Max)
12
12
Bits
Linearity Error
+25°C (Max)
±1
±1/2
LSB
0°C to +75°C (Max)
±1
±1/2
LSB
Max Resolution For Which No Missing Codes Is Guaranteed
+25°C
12
12
Bits
TMIN to TMAX
11
12
Bits
Unipolar Offset (Max)
Adjustable to Zero
±2
±1.5
LSB
Bipolar Offset (Max)
VIN = 0V (Adjustable to Zero)
±4
±4
LSB
VIN = -10V
±0.15
±0.1
% of FS
Full Scale Calibration Error
+25°C (Max), With Fixed 50
Ω Resistor From REF OUT To REF IN
(Adjustable to Zero)
±0.25
±0.25
% of FS
TMIN to TMAX (No Adjustment At +25°C)
±0.475
±0.375
% of FS
TMIN to TMAX (With Adjustment To Zero +25°C)
±0.22
±0.12
% of FS
HI-574A, HI-674A


Similar Part No. - HI-574A_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
More results

Similar Description - HI-574A_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com