Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9115ILZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL9115ILZ
Description  Triple Analog Video Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9115ILZ Datasheet(HTML) 9 Page - Intersil Corporation

  EL9115ILZ Datasheet HTML 1Page - Intersil Corporation EL9115ILZ Datasheet HTML 2Page - Intersil Corporation EL9115ILZ Datasheet HTML 3Page - Intersil Corporation EL9115ILZ Datasheet HTML 4Page - Intersil Corporation EL9115ILZ Datasheet HTML 5Page - Intersil Corporation EL9115ILZ Datasheet HTML 6Page - Intersil Corporation EL9115ILZ Datasheet HTML 7Page - Intersil Corporation EL9115ILZ Datasheet HTML 8Page - Intersil Corporation EL9115ILZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7441.5
September 22, 2009
EL9115
Quad Flat No-Lead Plastic Package (QFN)
A
B
E
1
2
3
PIN #1
I.D. MARK
0.075
(2X)
C
TOP VIEW
SIDE VIEW
C
SEATING
PLANE
0.08 C
N LEADS AND
EXPOSED PAD
SEE DETAIL “X”
e
0.10 C
L
b
1
2
3
PIN #1 I.D.
0.01
B
A
M C
3
NE 5
7
(D2)
(E2)
C
(c)
A1
A
2
BOTTOM VIEW
DETAIL “X”
(L)
N LEADS
N LEADS
D
L20.5x5C
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
0.00
0.02
0.05
-
b
0.28
0.30
0.32
-
c0.20 REF
-
D
5.00 BASIC
-
D2
3.70 REF
8
E
5.00 BASIC
-
E2
3.70 REF
8
e
0.65 BASIC
-
L
0.35
0.40
0.45
-
N20
4
ND
5 REF
6
NE
5 REF
5
Rev. 0 6/06
NOTES:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Tiebar view shown is a non-functional feature.
3. Bottom-side pin #1 I.D. is a diepad chamfer as shown.
4. N is the total number of terminals on the device.
5. NE is the number of terminals on the “E” side of the package
(or Y-direction).
6. ND is the number of terminals on the “D” side of the package
(or X-direction). ND = (N/2)-NE.
7. Inward end of terminal may be square or circular in shape with
radius (b/2) as shown.
8. If two values are listed, multiple exposed pad options are
available. Refer to device-specific datasheet.
9. One of 10 packages in MDP0046


Similar Part No. - EL9115ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
logo
Renesas Technology Corp
EL9115ILZ RENESAS-EL9115ILZ Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
More results

Similar Description - EL9115ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Analog Devices
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com