Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC703LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC703LP4E
Description  8 GHZ FRACTIONAL SYNTHESIZER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC703LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC703LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
6
6 - 7
HMC703LP4E
v00.0311
8 GHZ FRACTIONAL SYNTHESIZER
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
-234
-232
-230
-228
-226
-224
-25
-20
-15
-10
-5
0
5
RF POWER (dBm)
Frac Mode B
Frac Mode A
HiK Mode B
HiK Mode A
HiK Integer
-271
-270.5
-270
-269.5
-269
-268.5
-268
-267.5
-267
-25
-20
-15
-10
-5
0
5
RF POWER (dBm)
Frac Mode A
HiK Mode B
HiK Mode A
Integer
HiK Integer
Frac Mode B
Figure 19. Floor FOM Near 8 GHz vs RF
Input Power and Mode
Figure 20. Flicker FOM Near 8 GHz vs. RF
Input Power and Mode
[9] Measured with a 100 Ω external resistor termination, resulting in 50Ohm effective input impedance.. See “Reference Input Stage” for more details.
Full FOM performance up to maximum 3.3 Vpp input voltage.
[10] Measured with a 100 Ω external termination AC coupled on HMC703LP4E evaluation board, as in Figure 35.
[11] Measured with a 100 Ω external termination AC coupled on HMC703LP4E evaluation board, as in Figure 37.
-20
-15
-10
-5
0
0
50
100
150
200
250
300
350
REFERENCE INPUT FREQUENCY (MHz)
Figure 21. Reference Input Sensitivity,
Square Wave, 50 Ω [9]
-235
-230
-225
-220
-215
-15
-10
-5
0
5
10
14 MHz sq
25 MHz sq
50 MHz sq
100 MHz sq
REFERENCE POWER (dBm)
100 MHz
14 MHz
50 MHz
25 MHz
-235
-230
-225
-220
-215
-210
-205
-200
-20
-15
-10
-5
0
5
REFERENCE POWER (dBm)
14 MHz
25 MHz
50 MHz
100 MHz
Figure 22. Reference Input Sensitivity
Sinusoid Wave, 50 Ω [9]
Figure 23. Reference Input Return Loss [10]
Figure 24. RF Input Return Loss [11]
-20
-15
-10
-5
0
0
2000
4000
6000
8000
10000
RF INPUT FREQUENCY (MHz)


Similar Part No. - HMC703LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC703LP4E AD-HMC703LP4E Datasheet
2Mb / 58P
   8 GHz fractional synthesizer
More results

Similar Description - HMC703LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC703LP4E AD-HMC703LP4E Datasheet
2Mb / 58P
   8 GHz fractional synthesizer
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
   8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
National Semiconductor ...
LMX2353 NSC-LMX2353 Datasheet
210Kb / 16P
   PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com