Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC625HFLP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC625HFLP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC625HFLP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC625HFLP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC625HFLP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0 - 1
HMC625HFLP5E
v00.0311
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
Functional Diagram
Features
-13.5 to +18 Gain Control in 0.5 db steps
power-up state selection
High Output ip3: +33 dbm
ttl/CmOs Compatible
serial, parallel, or latched parallel Control
±0.25 db typical Gain step error
single +5V supply
32 lead 5 x 5 mm smt package: 25 mm2
Typical Applications
the HmC625Hflp5e is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
General Description
the HmC625Hflp5e is a digitally controlled variable
gain amplifier which operates from 0.5 - 6 GHz, and
can be programmed to provide anywhere from 13.5
db attenuation, to 18 db of gain, in 0.5 db steps. the
HmC625Hflp5e delivers noise figure of 6 db in its
maximum gain state, with output ip3 of up to +33 dbm
in any state. the dual mode control interface is CmOs/
ttl compatible, and accepts either a three wire serial
input or a 6 bit parallel word. the HmC625Hflp5e also
features a user selectable power up state and a serial
output port for cascading other Hittite serial controlled
components. the HmC625Hflp5e is housed in a
roHs compliant 5 x 5 mm Qfn leadless package, and
requires no external matching components.
Electrical Specifications, T
A = +25 °C, 50 Ohm System Vdd = +5V, Vs = +5V
parameter
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
Units
Frequency Range
500 - 2700
2700 - 4000
4000 - 6000
mHz
Gain (maximum Gain state)
13
18
11
14
5
10
db
Gain Control range
31.5
31.5
31.5
db
input return loss
15
12
10
db
Output return loss
12
12
14
db
Gain accuracy: (referenced to maximum Gain state)
all Gain states
± (0.3 + 3% of relative
gain setting) max
± (0.3 + 3% of relative
gain setting) max
± (0.4 + 5% of relative
gain setting) max
db
Output power for 1 db Compression
16
19
14
17
11
14
dbm
Output third Order intercept point
(two-tone Output power= 12 dbm each tone)
33
29
27
dbm
noise figure (max Gain state)
6
7
8
db
switching Characteristics
trise, tfall (10 / 90% rf)
30
60
30
60
30
60
ns
ns
tOn, tOff (latch enable to 10 / 90% rf)
supply Current (amplifier)
60
86
100
60
86
100
60
86
100
ma
supply Current (Controller) idd
0.12
0.25
0.12
0.25
0.12
0.25
ma


Similar Part No. - HMC625HFLP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC625BLP5E AD-HMC625BLP5E Datasheet
637Kb / 10P
   Test Equipment and Sensors
logo
Hittite Microwave Corpo...
HMC625LP5 HITTITE-HMC625LP5 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5E HITTITE-HMC625LP5E Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5E HITTITE-HMC625LP5E Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC625HFLP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com