Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMC5NT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # UMC5NT1G
Description  Dual Common Base-Collector Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UMC5NT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button UMC5NT1G Datasheet HTML 2Page - ON Semiconductor UMC5NT1G Datasheet HTML 3Page - ON Semiconductor UMC5NT1G Datasheet HTML 4Page - ON Semiconductor UMC5NT1G Datasheet HTML 5Page - ON Semiconductor UMC5NT1G Datasheet HTML 6Page - ON Semiconductor UMC5NT1G Datasheet HTML 7Page - ON Semiconductor UMC5NT1G Datasheet HTML 8Page - ON Semiconductor UMC5NT1G Datasheet HTML 9Page - ON Semiconductor UMC5NT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
UMC2NT1G, UMC3NT1G, UMC5NT1G
http://onsemi.com
10
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A, SOT−353, SC−70
CASE 419A−02
ISSUE J
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
STYLE 6:
PIN 1. EMITTER 2
2. BASE 2
3. EMITTER 1
4. COLLECTOR
5. COLLECTOR 2/BASE 1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
UMC2NT1/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - UMC5NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC5NT1G ONSEMI-UMC5NT1G Datasheet
86Kb / 10P
   Dual Common Base?묬ollector Bias Resistor Transistors
April, 2006 ??Rev. 6
UMC5NT1G ONSEMI-UMC5NT1G Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC5NT1G ONSEMI-UMC5NT1G Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
More results

Similar Description - UMC5NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G_14 Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
72Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2003 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
UMC2NT1 ONSEMI-UMC2NT1 Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com