Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15DCF10 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 15DCF10
Description  RFI Power Line Filters for DC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15DCF10 Datasheet(HTML) 1 Page - Tyco Electronics

  15DCF10 Datasheet HTML 1Page - Tyco Electronics 15DCF10 Datasheet HTML 2Page - Tyco Electronics 15DCF10 Datasheet HTML 3Page - Tyco Electronics 15DCF10 Datasheet HTML 4Page - Tyco Electronics 15DCF10 Datasheet HTML 5Page - Tyco Electronics 15DCF10 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC Series
DC Series
RFI Power Line Filters for DC Applications
217
Corcom Product Guide
4
Hipot rating (one minute):
Line to Ground:
2250 VDC
LIne to Line:
1450 VDC
Rated Voltage (max):
80 VDC
Rated Current:
15 to 125A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +55°C
In an ambient temperature (Ta) higher than +55°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/30
UL Recognized
CSA Certified
TUV Certified
• General purpose line filters for DC applications up
to 125VDC
• Available with or without a circuit breaker
• Available with feedthrough capacitors for added
high frequency performance
• Available in both flange mound (DCF) and
bulkhead mount (DCB) configuration
Ordering Information
60 DC B 6 B
Options
B – Circuit breaker
F – Feedthrough capacitors
BF – Circuit breaker and
feedthrough
F and BF available only in
bulkhead (B) mounting style
Omit for none
Input / Output Styles
6 – Redundant stud
10 – Phoenix terminal
Mounting Style
F = Flange
B = Bulkhead and rack
Required for F or BF options
DC Series
Current Rating
15, 30, 60, 100 or 125A
Specifications
Electrical Schematics
Note 1
Note 2
Note 3
Note 4
Note 1
LINE
LOAD
EN
60 950
60DCF6B
15DCF10








Note 3
Note 2
Note 4
Note 1
LINE
LOAD
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Standard Performance
High Frequency Performance (F & BF Styles)


Similar Part No. - 15DCF10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF10 MACOM-15DCF10 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
15DCF10 TEC-15DCF10 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCF10B MACOM-15DCF10B Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF10B MACOM-15DCF10B Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
15DCF10B TEC-15DCF10B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 15DCF10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com