Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM12T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SM12T1G
Description  Transient Voltage Suppressor Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SM12T1G Datasheet(HTML) 2 Page - ON Semiconductor

  SM12T1G Datasheet HTML 1Page - ON Semiconductor SM12T1G Datasheet HTML 2Page - ON Semiconductor SM12T1G Datasheet HTML 3Page - ON Semiconductor SM12T1G Datasheet HTML 4Page - ON Semiconductor SM12T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM05T1 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 20 ms (Note 1) @ TL ≤ 25°C
Ppk
300
W
IEC 61000−4−2 (ESD)
Air
Contact
±15
±8.0
kV
IEC 61000−4−4 (EFT)
40
A
IEC 61000−4−5 (Lightening)
12
A
Total Power Dissipation on FR−5 Board (Note 2) @ TA = 25°C
Derate above 25°C
Thermal Resistance, Junction−to−Ambient
°PD°
RqJA
225
1.8
556
°mW°
mW/°C
°C/W
Total Power Dissipation on Alumina Substrate (Note 3) @ TA = 25°C
Derate above 25°C
Thermal Resistance, Junction−to−Ambient
°PD
RqJA
300
2.4
417
°mW
mW/°C
°C/W
Junction and Storage Temperature Range
TJ, Tstg
− 55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse per Figure 3
2. FR−5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
NOTE: Other voltages may be available upon request
ELECTRICAL CHARACTERISTICS
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Device
Device
Marking
VRWM
IR @ VRWM
VBR, Breakdown Voltage
IT
VC @
IPP =
1 Amp
Max IPP
(Note 4)
Typical
Capacitance
(Volts)
(pF)
(Volts)
(mA)
Min
Max
mA
(Volts)
(Amps)
Pin 1 to 3
@ 0 Volts
SM05T1G
05M
5
10
6.2
7.3
1.0
9.8
17
225
SM12T1G
12M
12
1.0
13.3
15.75
1.0
19
12
95
SM15T1G
15M
15
1.0
16.7
19.6
1.0
24
10
100
SM24T1G
24M
24
1.0
26.7
31.35
1.0
43
5.0
60
SM36T1G
36M
36
1.0
40.0
46.95
1.0
60
4.0
45
4. 8 × 20 ms pulse waveform per Figure 3


Similar Part No. - SM12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SM12T1G ONSEMI-SM12T1G Datasheet
96Kb / 5P
   Transient Voltage Suppressor Diode Array
October, 2016 ??Rev. 7
logo
TECH PUBLIC Electronics...
SM12T1G TECHPUBLIC-SM12T1G Datasheet
997Kb / 4P
   2-Line Uni-directional TVS Diode
logo
Guangdong Youtai Semico...
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
More results

Similar Description - SM12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SM05T1G ONSEMI-SM05T1G Datasheet
96Kb / 5P
   Transient Voltage Suppressor Diode Array
October, 2016 ??Rev. 7
SM05T1 ONSEMI-SM05T1 Datasheet
56Kb / 6P
   Transient Voltage Suppressor Diode Array
June, 2003 - Rev. 0
logo
General Semiconductor
SMDA05C-8 GE-SMDA05C-8 Datasheet
40Kb / 2P
   SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
NUP4012PXV6 ONSEMI-NUP4012PXV6 Datasheet
140Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com