Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180AYC10B Datasheet(PDF) 2 Page - Tyco Electronics

Part # 180AYC10B
Description  3-phase WYE RFI Power Line Filters for High Noise Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

180AYC10B Datasheet(HTML) 2 Page - Tyco Electronics

  180AYC10B Datasheet HTML 1Page - Tyco Electronics 180AYC10B Datasheet HTML 2Page - Tyco Electronics 180AYC10B Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
109
AYC Series
3-phase WYE RFI Filters for High Noise Applications (continued)
2
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Case Dimensions
Part No.
A
B
C
D
E






16AYC10B





 



25AYC10B





 

 
36AYC10B





 

 
63AYC10B





 

 
80, 110 &
150AYC10B





    
150AYC10B-95





    
180AYC10B
200AYC10B





   

Case Styles
16, 25, 36, 63AYC10B
BD
E
A
C
80, 110, 150AYC10B / -95
BD
E
A
C
180, 200AYC10B
BD
A
C
E
E
Terminals
Part No.
Terminal
Size
Torque max.
lbf-in [N-m]
16AYC10B
Ground
M5
26.58 [3.0]
Line / Load
4mm²
terminal block
7.08 [0.8]
25AYC10B
Ground
M5
26.58 [3.0]
Line / Load
6mm²
terminal block
15.93 [1.8]
36AYC10B
Ground
M5
26.58 [3.0]
Line / Load
10mm²
terminal block
15.93 [1.8]
63AYC10B
Ground
M6
53.1 [6.0]
Line / Load
16mm²
terminal block
20.35 [2.3]
80, 110,
150AYC10B
Ground
M10
177.0 [20.0]
Line / Load
50mm²
terminal block
70.80 [8.0]
150AYC10B-95
180AYC10B
200AYC10B
Ground
M10
177.0 [20.0]
Line / Load
95mm²
terminal block
177.0 [20.0]


Similar Part No. - 180AYC10B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
180AYC10B TEC-180AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
180AYC10B TEC-180AYC10B Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
More results

Similar Description - 180AYC10B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C_11 Datasheet
185Kb / 3P
   High Performance 3-phase RFI Filters for WYE Applications
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com