Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50AYA6A Datasheet(PDF) 1 Page - Tyco Electronics

Part # 50AYA6A
Description  3-phase WYE RFI Power Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

50AYA6A Datasheet(HTML) 1 Page - Tyco Electronics

  50AYA6A Datasheet HTML 1Page - Tyco Electronics 50AYA6A Datasheet HTML 2Page - Tyco Electronics 50AYA6A Datasheet HTML 3Page - Tyco Electronics 50AYA6A Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum leakage current each Line to Ground:
@ 120 VAC 60 Hz:
1.62 mA
@ 250 VAC 50 Hz:
2.82 mA
Hipot rating (one minute):
Line to Ground:
1500 VAC
Line to Line:
1450 VDC
Rated Voltage (max):
Phase to Phase:
440 VAC
Phase to Ground:
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
16 to 100A*
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• For 3-phase, four wire, WYE applications
• Cost-effective, universal 3-phase filters
• Good attenuation over the complete frequency
range of 10kHz to 30MHz
• Two different mounting styles available
Ordering Information
36 AYA 6 A
Suffix
A – Flange Mounted
(for threaded bolt style only)
Omit for bulkhead mount
or for Terminal Blocks
(flange mount only)
Input / Output Style
6 – Threaded bolt
10 – Terminal block
(flange mount only)
AYA Series
Current Rating
16, 25, 36, 50, 63 or 100A
Specifications
UL Recognized*
25AYA6A
Available Part Numbers
Flange Mount
Bulkhead Mount
16AYA6A
16AYA6
16AYA10
25AYA6
25AYA6A
36AYA6
36AYA6A
50AYA6
36AYA10
50AYA6A
63AYA6A
63AYA10
100AYA6A
3-phase WYE RFI Power Line Filters
AYA Series
104
AYA Series
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
*UL Approvals for all models except:
16AYA10, 36AYA10, 63AYA10, 63AYA6, 63AYA6A and 100AYA6A


Similar Part No. - 50AYA6A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
50AYA6A MACOM-50AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
logo
TE Connectivity Ltd
50AYA6A TEC-50AYA6A Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
50AYA6A TEC-50AYA6A Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
More results

Similar Description - 50AYA6A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
20AYP6C MACOM-20AYP6C_11 Datasheet
185Kb / 3P
   High Performance 3-phase RFI Filters for WYE Applications
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com