Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20AYP6C Datasheet(PDF) 3 Page - Tyco Electronics

Part # 20AYP6C
Description  High Performance 3-phase RFI Filters for WYE Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

20AYP6C Datasheet(HTML) 3 Page - Tyco Electronics

  20AYP6C_11 Datasheet HTML 1Page - Tyco Electronics 20AYP6C_11 Datasheet HTML 2Page - Tyco Electronics 20AYP6C_11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Performance Data
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
20AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
30AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
45AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
60AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
AYP6C
AYT6C
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
High Performance 3-phase RFI Filters for WYE Applications (continued)
A Series
100
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
20AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
30AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
45AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
60AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0



   

 





































   

 






































   

 







































   

 






































Similar Part No. - 20AYP6C_11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
More results

Similar Description - 20AYP6C_11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
logo
Tyco Electronics
63ADT6 MACOM-63ADT6_11 Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
63ADT6 MACOM-63ADT6 Datasheet
64Kb / 2P
   High Performance Filters for High Current Three Phase Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com