Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4201MR6 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUP4201MR6
Description  Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4201MR6 Datasheet(HTML) 2 Page - ON Semiconductor

  NUP4201MR6_09 Datasheet HTML 1Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 2Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 3Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 4Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 5Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 6Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 7Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 8Page - ON Semiconductor NUP4201MR6_09 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NUP4201MR6
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT=1 mA, (Note 3)
6.0
V
Reverse Leakage Current
IR
VRWM = 5 V
5.0
mA
Clamping Voltage
VC
IPP = 5 A (Note 4)
12.5
V
Clamping Voltage
VC
IPP = 8 A (Note 4)
20
V
Maximum Peak Pulse Current
IPP
8x20 ms Waveform (Note 4)
25
A
Junction Capacitance
CJ
VR = 0 V, f=1 MHz between I/O Pins and GND
3.0
5.0
pF
Junction Capacitance
CJ
VR = 0 V, f=1 MHz between I/O Pins
1.5
3.0
pF
Clamping Voltage
VC
@ IPP = 1 A (Notes 5 and 6)
16.6
V
Clamping Voltage
VC
Per IEC 61000−4−2 (Note 7)
Figure 1 and 2
V
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Non−repetitive current pulse per Figure 5 (Pin 5 to Pin 2)
5. Non−repetitive current pulse per FIgure 5 (Any I/O Pins)
6. Surge current waveform per Figure 5.
7. For test procedure see Figures 3 and 4 and Application Note AND8307/D.
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV Contact per IEC61000−4−2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV Contact per IEC61000−4−2


Similar Part No. - NUP4201MR6_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4201MR6T1 ONSEMI-NUP4201MR6T1 Datasheet
41Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
March, 2005 ??Rev. 1
NUP4201MR6T1G ONSEMI-NUP4201MR6T1G Datasheet
41Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
March, 2005 ??Rev. 1
NUP4201MR6T1G ONSEMI-NUP4201MR6T1G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
logo
Shanghai Leiditech Elec...
NUP4201MR6T1G LEIDITECH-NUP4201MR6T1G Datasheet
990Kb / 7P
   LOW CAPACITANCE TVS DIODE ARRAY
Rev : 01.06.2014
More results

Similar Description - NUP4201MR6_09

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com