Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS240T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MURS240T3
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS240T3 Datasheet(HTML) 4 Page - ON Semiconductor

  MURS240T3 Datasheet HTML 1Page - ON Semiconductor MURS240T3 Datasheet HTML 2Page - ON Semiconductor MURS240T3 Datasheet HTML 3Page - ON Semiconductor MURS240T3 Datasheet HTML 4Page - ON Semiconductor MURS240T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MURS230T3, MURS240T3
http://onsemi.com
4
TC, CASE TEMPERATURE (°C)
80
90
1
2
3
4
5
0
6
7
8
9
10
100
110
120
130
140
150
160
180
VR, REVERSE VOLTAGE (VOLTS)
012
8.0
0
5
10
15
4.0
40
0
0.5
1
2
3
4
5
0
1.0
1.5
2.0
2.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
24
20
16
36
32
28
20
NOTE: TYPICAL
CAPACITANCE AT
0 V = 26 pF
RATED VOLTAGE APPLIED
RqJL = 13°C/W
TJ = 175°C
SQUARE WAVE
dc
TJ = 175°C
dc
SQUARE WAVE
170
25
30
VR, REVERSE VOLTAGE (VOLTS)
012
8
0
5
10
15
440
24
20
16
36
32
28
20
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 30 pF
25
30
35
Figure 6. Typical Capacitance
Figure 7. Maximum Capacitance
Figure 8. Current Derating, Case
Figure 9. Power Dissipation


Similar Part No. - MURS240T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS240T3 ONSEMI-MURS240T3 Datasheet
49Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
February, 2001 ??Rev. 4
MURS240T3 ONSEMI-MURS240T3 Datasheet
52Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES,
February, 2006 ??Rev. 5
MURS240T3 ONSEMI-MURS240T3 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2010 ??Rev. 6
MURS240T3G ONSEMI-MURS240T3G Datasheet
52Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES,
February, 2006 ??Rev. 5
MURS240T3G ONSEMI-MURS240T3G Datasheet
133Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 8
More results

Similar Description - MURS240T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com