Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURH860CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURH860CTG
Description  MEGAHERTZ Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURH860CTG Datasheet(HTML) 3 Page - ON Semiconductor

  MURH860CTG Datasheet HTML 1Page - ON Semiconductor MURH860CTG Datasheet HTML 2Page - ON Semiconductor MURH860CTG Datasheet HTML 3Page - ON Semiconductor MURH860CTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURH860CT
http://onsemi.com
3
32
28
24
20
16
12
8
4
0
32
28
24
20
16
12
8
4
0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Typical Recovery Characteristics
1
2
3
45
67
8
Trr
Qrr
Vr = 30 V
di/dt = 50 A/
ms
Figure 6. Typical Capacitance, Per Leg
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
100
10
1
0.1
VR, REVERSE VOLTAGE (VOLTS)


Similar Part No. - MURH860CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURH860CTG ONSEMI-MURH860CTG Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
MURH860CTG ONSEMI-MURH860CTG Datasheet
63Kb / 4P
   Power Rectifier
January, 2015 ??Rev. 6
MURH860CTG ONSEMI-MURH860CTG_15 Datasheet
63Kb / 4P
   Power Rectifier
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com