Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30ESK6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 30ESK6
Description  High Performance K Series RFI Line Filters for SMPS Emission Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30ESK6 Datasheet(HTML) 1 Page - Tyco Electronics

  30ESK6 Datasheet HTML 1Page - Tyco Electronics 30ESK6 Datasheet HTML 2Page - Tyco Electronics 30ESK6 Datasheet HTML 3Page - Tyco Electronics 30ESK6 Datasheet HTML 4Page - Tyco Electronics 30ESK6 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
75
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance K Series RFI Line Filters for SMPS Emission Control
SK Series
SK Series
Maximum leakage current each Line to Ground:
3, 6 & 10A
VSK Models
ESK Models
@120 VAC 60 Hz:
.4 mA
.21 mA
@250 VAC 50 Hz:
.7 mA
.36 mA
20, 30 & 40A
@120 VAC 60 Hz:
.75 mA
.3 mA
@250 VAC 50 Hz:
1.25 mA
.5 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 40A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Designed to reduce conducted noise to
acceptable limits for equipment that must comply
with FCC / EN specifications
• Utilizes significantly higher element values than
the general purpose K Series which makes them
better suited for equipment with Line to Ground
and Line to Line conducted emissions including
those with switching power supplies
• ESK6C and VSK6C incorporate separate ground
circuit inductor to isolate the equipment chassis
from power line ground at RF frequencies
Ordering Information
10 E SK 7 M
Suffix
M – Metric inserts (style 7 only)
Omit for standard or none
C – Ground choke (30ESK/VSK only)
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
7 – IEC inlet* (line side)
.250 [6.3] spade terminals
(load side)
SK Series
Leakage current designation
E – Low leakage (<0.5 mA)
V – Standard
Current Rating
3, 6, 10, 20, 30 or 40A
Specifications
UL Recognized
CSA Certified
VDE Approved
SK3
Available Part Numbers
3VSK1
3ESK1
20ESK6
3VSK3
3ESK3
20VSK6
3VSK7
3ESK7
30ESK6
3VSK7M
3ESK7M
30ESK6C
6VSK1
6ESK1
30VSK6
6VSK3
6ESK3
30VSK6C
6VSK7
6ESK7
40VSK6
6VSK7M
6ESK7M
10VSK1
10ESK1
10VSK3
10ESK3
10VSK7
10ESK7
10VSK7M
10ESK7M
*IEC 60320-1 C14 inlet mates with C13 connector
SK1
SK7/7M
1


Similar Part No. - 30ESK6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
30ESK6 MACOM-30ESK6 Datasheet
632Kb / 4P
   3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
30ESK6 TEC-30ESK6 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
30ESK6 TEC-30ESK6 Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
logo
Tyco Electronics
30ESK6C MACOM-30ESK6C Datasheet
632Kb / 4P
   3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
30ESK6C TEC-30ESK6C Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
More results

Similar Description - 30ESK6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
Tyco Electronics
3VSK1 MACOM-3VSK1 Datasheet
632Kb / 4P
   3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
1VDK1 MACOM-1VDK1 Datasheet
273Kb / 2P
   Enhanced Performance K Series RFI Power Line Filters
1VDK1 MACOM-1VDK1_11 Datasheet
176Kb / 3P
   Enhanced Differential Mode Performance K Series RFI Line Filters
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
3VS1 MACOM-3VS1 Datasheet
213Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
3VV1 MACOM-3VV1 Datasheet
208Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
logo
TE Connectivity Ltd
3VS1 TEC-3VS1 Datasheet
213Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
3VV1 TEC-3VV1 Datasheet
208Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com