Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5113T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN5113T1G
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5113T1G Datasheet(HTML) 4 Page - ON Semiconductor

  MUN5113T1G Datasheet HTML 1Page - ON Semiconductor MUN5113T1G Datasheet HTML 2Page - ON Semiconductor MUN5113T1G Datasheet HTML 3Page - ON Semiconductor MUN5113T1G Datasheet HTML 4Page - ON Semiconductor MUN5113T1G Datasheet HTML 5Page - ON Semiconductor MUN5113T1G Datasheet HTML 6Page - ON Semiconductor MUN5113T1G Datasheet HTML 7Page - ON Semiconductor MUN5113T1G Datasheet HTML 8Page - ON Semiconductor MUN5113T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MUN5111T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN5130T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN5115T1
MUN5116T1
MUN5131T1
MUN5132T1
VOH
4.9
Vdc
Input Resistor
MUN5111T1
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5136T1
MUN5137T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
kW
Resistor Ratio
MUN5111T1/MUN5112T1/MUN5113T1/MUN5136T1
MUN5114T1
MUN5115T1/MUN5116T1
MUN5130T1/MUN5131T1/MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5137T1
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
Figure 1. Derating Curve
250
200
150
100
50
0
-50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 833°C/W


Similar Part No. - MUN5113T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5113T1G ONSEMI-MUN5113T1G Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
MUN5113T1G ONSEMI-MUN5113T1G Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5113T1G ONSEMI-MUN5113T1G Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN5113T1G ONSEMI-MUN5113T1G Datasheet
113Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
MUN5113T1G ONSEMI-MUN5113T1G Datasheet
202Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN5113T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com