Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6EHL4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6EHL4
Description  Dual Configuration Power Entry Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EHL4 Datasheet(HTML) 3 Page - Tyco Electronics

  6EHL4 Datasheet HTML 1Page - Tyco Electronics 6EHL4 Datasheet HTML 2Page - Tyco Electronics 6EHL4 Datasheet HTML 3Page - Tyco Electronics 6EHL4 Datasheet HTML 4Page - Tyco Electronics 6EHL4 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L Series
Dual Configuration Power Entry Module (continued)
3
177
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Electrical Schematics
DL Models
Hot
Neutral
Note 1
H
Ground
G
On/O
2
(1)
1
(1a)
(2)
4
(2a)
3
Note 2
Device
Customer
Transformer
Primaries
4 Voltage Select, No-Switch (DL4)
Hot
Neutral
Note 1
G
Ground
H
On/O
Note 2
Customer
Transformer
Primaries
100V
120V
100V
20V
120V
220V
240V
A
A
B
B
C
C
DD
E
E
F
F
A
B
C
D
E
F




Single Voltage, Switched (DL1S)
HL Models
Hot
Neutral
Note 1
H
Ground
G
On/O
2
(1)
1
(1a)
(2)
4
(2a)
3
Note 2
Device
Customer
Transformer
Primaries
4 Voltage Select, No-Switch (HL4)
Hot
Neutral
Note 1
G
Ground
H
On/O
Note 2
Customer
Transformer
Primaries
100V
120V
100V
20V
120V
220V
240V
A
A
B
B
C
C
DD
E
E
F
F
A
B
C
D
E
F
Single Voltage, Switched (HL1S)
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
LA601: Insulating Boot
Plastic shroud to cover back of module to prevent
inadvertent access
LA200: North American Fuseholder
Accommodates one .25 x 1.25” fuse
LA201: Metric Fuseholder
Accommodates one 5 x 20mm metric fuse
LA303: Voltage Select Wheel, 3 position
Selection drum for use with L4 models.
Marked with 110V, 220V and 240V
LA304: Voltage Select Wheel, 4 position
Selection drum for use with L4 models.
Marked with 100V, 110V, 220V and 240V.
One LA304 comes standard with each L4 model.
LA400: Blank insert
Blank to replace switch in single voltage models
Replacement Fuse Holders


Similar Part No. - 6EHL4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EHL4 MACOM-6EHL4 Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
TE Connectivity Ltd
6EHL4 TEC-6EHL4 Datasheet
312Kb / 5P
   Dual Configuration Power Entry Module
logo
Tyco Electronics
6EHL4C MACOM-6EHL4C Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
TE Connectivity Ltd
6EHL4C TEC-6EHL4C Datasheet
312Kb / 5P
   Dual Configuration Power Entry Module
logo
Tyco Electronics
6EHL4CM MACOM-6EHL4CM Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
More results

Similar Description - 6EHL4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6EL1S TEC-6EL1S Datasheet
312Kb / 5P
   Dual Configuration Power Entry Module
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
   Power Entry Module
logo
Delta Electronics, Inc.
06SB3M DELTA-06SB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
   POWER ENTRY MODULE FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
   POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
   POWER ENTRY MODULE EMI FILTERS
06EB3 DELTA-06EB3 Datasheet
231Kb / 2P
   POWER ENTRY MODULE EMI FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com