Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4618 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4618
Description  VHB?줥apes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4618 Datasheet(HTML) 2 Page - 3M Electronics

  4618 Datasheet HTML 1Page - 3M Electronics 4618 Datasheet HTML 2Page - 3M Electronics 4618 Datasheet HTML 3Page - 3M Electronics 4618 Datasheet HTML 4Page - 3M Electronics 4618 Datasheet HTML 5Page - 3M Electronics 4618 Datasheet HTML 6Page - 3M Electronics 4618 Datasheet HTML 7Page - 3M Electronics 4618 Datasheet HTML 8Page - 3M Electronics 4618 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.120
4959
(3.0)
4959F
0.090
4991
(2.3)
Family
4941
5952
4950
4945
4910
4951
4952
4611
4622
Color
Gray
Black
Black
White
Black
White
Clear
White
Gray
White
Dk Gray
White
Foam type
Conform Conform Very Conf
Firm
Firm
Firm
n/a
Firm
Conform
Firm
Firm
Conform
Adhesive
Multi-Purpose
Modified
General Purpose
Multi-Purp Gen-Purp
Low Temp Apply
LSE
Gen-Purp Gen/Multi
3MVHBTapes
3M™ VHB™ Tape Families:
4941
This family utilizes multi-purpose acrylic adhesive on both sides of conformable foam. The adhesive provides
excellent adhesion to a broad range of high and medium surface energy substrates including metals, glass, and a
wide variety of plastics, as well as plasticized vinyl. The conformable foam provides good contact, even with
mismatched substrates. Available in gray and black.
5952
This family matches the modified acrylic adhesive on both sides of very conformable foam, providing adhesion
to the broadest range of substrates, including most powder coated paints. Available in black.
4950
This family has general purpose adhesive on both sides of firm type foam. This family is typically used on
metal, glass and high surface energy plastic substrates. Available in white and black.
4945
This family has multi-purpose adhesive on both sides of firm foam. Available in white.
4910
This family of clear tapes is excellent for applications where clear or colorless is desired. The general purpose
adhesive on both sides is suitable for high surface energy substrates.
4951
This family of tapes is based around the low temperature appliable acrylic adhesive system, utilized on both
firm and conformable foam types. These products are suitable for high surface energy substrates. Available in
white (firm foam) and gray (conformable foam).
4952
This family utilizes the low surface energy adhesive on a firm foam. Available in white.
4611
This family has a general purpose adhesive on both sides of firm foam. This family of tapes is typically used on
metal substrates, and has the added feature of high temperature resistance, making it often suitable for bonding
prior to high temperature paint processing. Available in dark gray.
4622
This family has general purpose adhesive on the face side (the side that typically would be bonded first) and
multi-purpose adhesive on the liner side (the side exposed when the release liner is removed) of a conformable
foam. Available in white.
Thickness
inches
(mm)
0.015 / 0.016
4926
5915
4920
(0.4)
5915P
0.020
4905
(0.5)
0.025
4936
4919F
5925
4930
4929
4932
4646
4618
(0.64)
4936F
5925P
4930F
0.032
5930
(0.8)
5930P
0.040
5958FR
4910
(1.0)
0.045
4941
4947F
5952
4950
4949
4945
4951
4943
4952
4611
4622
(1.1)
4941F
5952P
4946
0.062
4956
4979F
5962
4957
4655
4624
(1.55)
4956F
5962P
0.080
4955
(2.0)
3M™ VHB™ Tape Product Family Guide
NOTE: For easy product comparison, data in this product information page will be organized by product family.
0.010
4914
(0.25)
- 2 -


Similar Part No. - 4618

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4618 3M-4618 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
logo
Heyco.
4618 HEYCO-4618 Datasheet
340Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Turck, Inc.
46181 TURCK-46181 Datasheet
415Kb / 3P
   Inductive Sensor
11/07/2023
logo
Alpha Wire
461816 ALPHAWIRE-461816 Datasheet
97Kb / 4P
   Customer Specification
2/17/2023
logo
Vishay Siliconix
46181E3 VISHAY-46181E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 4618

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
   3M??VHB??Tape
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-110GF
4950 3M-4950 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
   3M??VHB??Tape LSE Series
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-060GF
5980 3M-5980 Datasheet
268Kb / 2P
   3M??VHB??Tape 5980, 5980WT
B23F 3M-B23F Datasheet
151Kb / 6P
   3M??VHB??Structural Glazing Tape B23F
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
   3M™ VHB™ Tape RP040GF
May, 2022
G23F 3M-G23F Datasheet
141Kb / 6P
   3M??VHB??Structural Glazing Tape G23F
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
   VHB??Adhesive Transfer Tapes with Adhesive 100MP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com