Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6EJHP Datasheet(PDF) 6 Page - Tyco Electronics

Part # 6EJHP
Description  Cost-effective Medium Performance Power Inlet Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EJHP Datasheet(HTML) 6 Page - Tyco Electronics

  6EJHP Datasheet HTML 1Page - Tyco Electronics 6EJHP Datasheet HTML 2Page - Tyco Electronics 6EJHP Datasheet HTML 3Page - Tyco Electronics 6EJHP Datasheet HTML 4Page - Tyco Electronics 6EJHP Datasheet HTML 5Page - Tyco Electronics 6EJHP Datasheet HTML 6Page - Tyco Electronics 6EJHP Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
158
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
Cost-effective Medium Performance Power Inlet Filter (continued)
1A
3A
6A
10A
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
EJH & EJHS Models
15A
20A
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Performance Data (continued)
Typical Insertion Loss
Measured in closed 50 Ohm system
1A
3A
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
6A
10A
15A
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
EJM & EJMS Models


Similar Part No. - 6EJHP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EJHP MACOM-6EJHP Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
More results

Similar Description - 6EJHP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
EEA TEC-EEA Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
Tyco Electronics
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
TE Connectivity Ltd
SRB TEC-SRB Datasheet
755Kb / 5P
   Minimum Depth, Cost-effective Shielded Power Inlet Filter
ED1 TEC-ED1 Datasheet
255Kb / 4P
   Medium Performance Compact EMI Power Inlet Filter
logo
Tyco Electronics
1ED1 MACOM-1ED1_11 Datasheet
255Kb / 4P
   Medium Performance Compact EMI Power Inlet Filter
logo
TE Connectivity Ltd
EJT TEC-EJT Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
Tyco Electronics
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com