Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT6517LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT6517LT1G
Description  High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6517LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT6517LT1G Datasheet HTML 1Page - ON Semiconductor MMBT6517LT1G Datasheet HTML 2Page - ON Semiconductor MMBT6517LT1G Datasheet HTML 3Page - ON Semiconductor MMBT6517LT1G Datasheet HTML 4Page - ON Semiconductor MMBT6517LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT6517LT1G
http://onsemi.com
4
Figure 6. Turn−On Time
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
1.0k
20
10
Figure 7. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0
10
20
30
50
70
30
50
70
100
200
300
500
700
td @ VBE(off) = 2.0 V
tr
VCE(off) = 100 V
IC/IB = 5.0
TJ = 25°C
10k
100
200
300
500
700
1.0k
2.0k
3.0k
5.0k
7.0k
VCE(off) = 100 V
IC/IB = 5.0
IB1 = IB2
TJ = 25°C
ts
tf
Figure 8. Switching Time Test Circuit
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
10k
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
t, TIME (ms)
Figure 9. Thermal Response
+10.8 V
-9.2 V
+VCC
2.2 k
20 k
50
50
W SAMPLING SCOPE
1/2MSD7000
1.0 k
VCC ADJUSTED
FOR VCE(off) = 100 V
APPROXIMATELY
-1.35 V
(ADJUST FOR V(BE)off = 2.0 V)
PULSE WIDTH
≈ 100 ms
tr, tf ≤ 5.0 ns
DUTY CYCLE
≤ 1.0%
FOR PNP TEST CIRCUIT,
REVERSE ALL VOLTAGE POLARITIES
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2


Similar Part No. - MMBT6517LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6517LT1 MOTOROLA-MMBT6517LT1 Datasheet
230Kb / 8P
   High Voltage Transistor
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Leshan Radio Company
MMBT6517LT1 LRC-MMBT6517LT1 Datasheet
169Kb / 5P
   High Voltage Transistors(NPN Silicon)
More results

Similar Description - MMBT6517LT1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com