Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2341W-D55G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-2341W-D55G
Description  10.3 Gbps / 40 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2341W-D55G Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-2341W-D55G Datasheet HTML 1Page - Optoway Technology Inc SPS-2341W-D55G Datasheet HTML 2Page - Optoway Technology Inc SPS-2341W-D55G Datasheet HTML 3Page - Optoway Technology Inc SPS-2341W-D55G Datasheet HTML 4Page - Optoway Technology Inc SPS-2341W-D55G Datasheet HTML 5Page - Optoway Technology Inc SPS-2341W-D55G Datasheet HTML 6Page - Optoway Technology Inc SPS-2341W-D55G Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Optoway
SPS-2341W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
4
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
9.95 / 10.3
10.5
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
120
820
mVpp
Internally AC coupled
Output Data Rate
9.95 / 10.3
10.5
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
350
600
850
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V


Similar Part No. - SPS-2341W-D55G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG_2015 OPTOWAY-SPS-2341W-DXXG_2015 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2341W-D55G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2345W-DXXXG OPTOWAY-SPS-2345W-DXXXG Datasheet
261Kb / 8P
   10.3 Gbps / 40 km / 50GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W-DXXG OPTOWAY-SPS-2381W-DXXG Datasheet
202Kb / 7P
   10.3 Gbps / 80 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-DXXG OPTOWAY-SPS-4341W-DXXG Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W-DXXG OPTOWAY-SPS-4381W-DXXG Datasheet
199Kb / 6P
   8.5 Gbps/ DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310W-CXX0G_2015 OPTOWAY-SPS-2310W-CXX0G_2015 Datasheet
184Kb / 5P
   10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310W-CXX0G OPTOWAY-SPS-2310W-CXX0G_15 Datasheet
184Kb / 5P
   10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W OPTOWAY-SPS-4341W_15 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com