Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-4341W-D38G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-4341W-D38G
Description  8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4341W-D38G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-4341W-D38G Datasheet HTML 1Page - Optoway Technology Inc SPS-4341W-D38G Datasheet HTML 2Page - Optoway Technology Inc SPS-4341W-D38G Datasheet HTML 3Page - Optoway Technology Inc SPS-4341W-D38G Datasheet HTML 4Page - Optoway Technology Inc SPS-4341W-D38G Datasheet HTML 5Page - Optoway Technology Inc SPS-4341W-D38G Datasheet HTML 6Page - Optoway Technology Inc SPS-4341W-D38G Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Optoway
SPS-4341W-DXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
1
SPS-4341W-DXXG
(RoHS Compliant)
8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 8.5 Gbps Bi-directional Data Links
l Complaint to SFP+ MSA
l Compliance with Fibre Channel FC-PI-4 800-SM-LC-L
l Compliant with 4G and, 2G Fibre Channel
l Temperature-stabilized DWDM EML Transmitter
l 100 GHz ITU Grid, C Band
l Distance up to 40 km
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Multi-rate 8x / 4x / 2x Fibre Channel
DESCRIPTION
The SPS-4341W-DXXG series single mode transceiver
is small form factor pluggable module for bi-directional
serial optical data communications such as 8x/4x/2x Fibre
Channel.
It is with the SFP 20-pin connector to allow hot plug
capability. Digital diagnostic functions are available via an
I
2C. This module is designed for single mode fiber and
operates at a nominal wavelength of 100GHz ITU Grid, C
Band DWDM wavelength. A guaranteed minimum optical
link budget of 14 dB is offered. The transmitter section
consists
of
a
temperature-stabilized
DWDM
electrical-modulated laser (EML), driver and signal
conditioner. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.


Similar Part No. - SPS-4341W-D38G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4341W-CXX0G OPTOWAY-SPS-4341W-CXX0G Datasheet
172Kb / 5P
   8.5 Gb/s / CWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-4341W-D38G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4381W-DXXG OPTOWAY-SPS-4381W-DXXG Datasheet
199Kb / 6P
   8.5 Gbps/ DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG Datasheet
200Kb / 7P
   10.3 Gbps / 40 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4385W-D200G OPTOWAY-SPS-4385W-D200G Datasheet
205Kb / 7P
   8.5 Gbps/ 50 GHz DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2345W-DXXXG OPTOWAY-SPS-2345W-DXXXG Datasheet
261Kb / 8P
   10.3 Gbps / 40 km / 50GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W-DXXG OPTOWAY-SPS-2381W-DXXG Datasheet
202Kb / 7P
   10.3 Gbps / 80 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W-CXX0G OPTOWAY-SPS-4371W-CXX0G Datasheet
194Kb / 5P
   8.5 Gbps / CWDM / 70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4140WG_2015 OPTOWAY-SPS-4140WG_2015 Datasheet
187Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4170WG OPTOWAY-SPS-4170WG_15 Datasheet
167Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4340W OPTOWAY-SPS-4340W_15 Datasheet
212Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4170WG_2015 OPTOWAY-SPS-4170WG_2015 Datasheet
167Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com