Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2341W-D44G Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-2341W-D44G
Description  10.3 Gbps / 40 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2341W-D44G Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-2341W-D44G Datasheet HTML 1Page - Optoway Technology Inc SPS-2341W-D44G Datasheet HTML 2Page - Optoway Technology Inc SPS-2341W-D44G Datasheet HTML 3Page - Optoway Technology Inc SPS-2341W-D44G Datasheet HTML 4Page - Optoway Technology Inc SPS-2341W-D44G Datasheet HTML 5Page - Optoway Technology Inc SPS-2341W-D44G Datasheet HTML 6Page - Optoway Technology Inc SPS-2341W-D44G Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Optoway
SPS-2341W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
2
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10G
Distance
(km)
Wavelength
(nm)
Package
Case Temp
(
oC)
RoHS
Compliant
SPS-2341W-DXXG
9.95 – 10.52
ER / EW
40
DWDM*
XFP with DMI
0 to 70
Yes
XX: 100GHz ITU Grid wavelength (Please see below)
Channel #
Product code
Frequency (THz)
Center Wavelength (nm)
Label
21
SPS-2341W-D21G
192.1
1560.61
D21
22
SPS-2341W-D22G
192.2
1559.79
D22
23
SPS-2341W-D23G
192.3
1558.98
D23
24
SPS-2341W-D24G
192.4
1558.17
D24
25
SPS-2341W-D25G
192.5
1557.36
D25
26
SPS-2341W-D26G
192.6
1556.55
D26
27
SPS-2341W-D27G
192.7
1555.75
D27
28
SPS-2341W-D28G
192.8
1554.94
D28
29
SPS-2341W-D29G
192.9
1554.13
D29
30
SPS-2341W-D30G
193.0
1553.33
D30
31
SPS-2341W-D31G
193.1
1552.52
D31
32
SPS-2341W-D32G
193.2
1551.72
D32
33
SPS-2341W-D33G
193.3
1550.92
D33
34
SPS-2341W-D34G
193.4
1550.12
D34
35
SPS-2341W-D35G
193.5
1549.32
D35
36
SPS-2341W-D36G
193.6
1548.51
D36
37
SPS-2341W-D37G
193.7
1547.72
D37
38
SPS-2341W-D38G
193.8
1546.92
D38
39
SPS-2341W-D39G
193.9
1546.12
D39
40
SPS-2341W-D40G
194.0
1545.32
D40
41
SPS-2341W-D41G
194.1
1544.53
D41
42
SPS-2341W-D42G
194.2
1543.73
D42
43
SPS-2341W-D43G
194.3
1542.94
D43
44
SPS-2341W-D44G
194.4
1542.14
D44
45
SPS-2341W-D45G
194.5
1541.35
D45
46
SPS-2341W-D46G
194.6
1540.56
D46
47
SPS-2341W-D47G
194.7
1539.77
D47
48
SPS-2341W-D48G
194.8
1538.98
D48
49
SPS-2341W-D49G
194.9
1538.19
D49
50
SPS-2341W-D50G
195.0
1537.40
D50
51
SPS-2341W-D51G
195.1
1536.61
D51
52
SPS-2341W-D52G
195.2
1535.82
D52
53
SPS-2341W-D53G
195.3
1535.04
D53
54
SPS-2341W-D54G
195.4
1534.25
D54
55
SPS-2341W-D55G
195.5
1533.47
D55
56
SPS-2341W-D56G
195.6
1532.68
D56
57
SPS-2341W-D57G
195.7
1531.90
D57
58
SPS-2341W-D58G
195.8
1531.12
D58
59
SPS-2341W-D59G
195.9
1530.33
D59
60
SPS-2341W-D60G
196.0
1529.55
D60


Similar Part No. - SPS-2341W-D44G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG_2015 OPTOWAY-SPS-2341W-DXXG_2015 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2341W-D44G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2345W-DXXXG OPTOWAY-SPS-2345W-DXXXG Datasheet
261Kb / 8P
   10.3 Gbps / 40 km / 50GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W-DXXG OPTOWAY-SPS-2381W-DXXG Datasheet
202Kb / 7P
   10.3 Gbps / 80 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-DXXG OPTOWAY-SPS-4341W-DXXG Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W-DXXG OPTOWAY-SPS-4381W-DXXG Datasheet
199Kb / 6P
   8.5 Gbps/ DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310W-CXX0G_2015 OPTOWAY-SPS-2310W-CXX0G_2015 Datasheet
184Kb / 5P
   10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310W-CXX0G OPTOWAY-SPS-2310W-CXX0G_15 Datasheet
184Kb / 5P
   10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W OPTOWAY-SPS-4341W_15 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com