Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSLP2726 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLP2726
Description  Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (Down to 0.0005 ), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP2726 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLP2726 Datasheet HTML 1Page - Vishay Siliconix WSLP2726 Datasheet HTML 2Page - Vishay Siliconix WSLP2726 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30179
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 26-Jan-11
2
WSLP2726
Power Metal Strip® Resistors, Very High Power (to 7 W),
Low Value (Down to 0.0005
), Surface Mount
Vishay Dale
DIMENSIONS
DERATING
Note
• Embossed carrier tape per EIA-481.
MODEL
DIMENSIONS in inches (millimeters)
LW
H
R
S
T
U
WSLP2726
0.272 ± 0.008
(6.9 ± 0.2)
0.260 + 0.012/- 0.008
(6.6 + 0.3/- 0.2)
0.117 ± 0.008
(3.0 ± 0.2)
0.193 ± 0.004
(4.9 ± 0.1)
0.028 ± 0.004
(0.7 ± 0.1)
0.016 ± 0.002
(0.4 ± 0.05)
0.078 ± 0.004
(2.0 ± 0.1)
b
w
d
a
b
c
L
W
S
R
H
T
U
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
abcd
w
WSLP2726
0.220
(5.6)
0.096
(2.44)
0.035
(0.89)
0.035
(0.89)
0.290
(7.4)
MODEL
RESISTANCE VALUE
(m
)
ELEMENT MATERIAL
WSLP2726
0.5
Mn-Cu
WSLP2726
1.0
Mn-Cu
WSLP2726
2.0
Ni-Cr
70
120
100
80
60
40
20
0
170
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
) R
Short time overload
5 x rated power for 5 s
± (0.5 % + 0.0005
) R
Low temperature operation
- 65 °C for 45 min
± (0.5 % + 0.0005
) R
High temperature exposure
1000 h at + 170 °C
± (1.0 % + 0.0005
) R
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.0005
) R
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
) R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
) R
Load life
1000 h at + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
) R
Resistance to solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
) R
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± (0.5 % + 0.0005
) R
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSLP2726
16 mm/embossed plastic
330 mm/13"
1500
EA


Similar Part No. - WSLP2726

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP2726 VISHAY-WSLP2726 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
01-Jan-2022
WSLP2726 VISHAY-WSLP2726_15 Datasheet
98Kb / 4P
   Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (down to 0.0003 ohm), Surface Mount
Revision: 07-Aug-15
WSLP2726 VISHAY-WSLP2726_V01 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
01-Jan-2022
More results

Similar Description - WSLP2726

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP4026 VISHAY-WSLP4026 Datasheet
106Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (Down to 0.0005 ), Surface Mount
Revision: 26-Jan-11
WSLP VISHAY-WSLP_V01 Datasheet
141Kb / 4P
   Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
01-Jan-2022
WSLP VISHAY-WSLP_15 Datasheet
85Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 ohm), Surface Mount
Revision: 30-Apr-15
WSLP12065L000FEA VISHAY-WSLP12065L000FEA Datasheet
98Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
Revision: 18-Apr-12
WSLP0603R0100FEB VISHAY-WSLP0603R0100FEB Datasheet
98Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
Revision: 18-Apr-12
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSLP1206R0300FEA VISHAY-WSLP1206R0300FEA Datasheet
98Kb / 3P
   Power Metal Strip Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
Revision: 18-Apr-12
WSL2816R0500FEH VISHAY-WSL2816R0500FEH Datasheet
87Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0005 Ohm), Surface Mount
Revision: 05-Mar-14
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL2010R0500FEA VISHAY-WSL2010R0500FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com