Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJL21196G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJL21196G
Description  Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL21196G Datasheet(HTML) 2 Page - ON Semiconductor

  MJL21196G Datasheet HTML 1Page - ON Semiconductor MJL21196G Datasheet HTML 2Page - ON Semiconductor MJL21196G Datasheet HTML 3Page - ON Semiconductor MJL21196G Datasheet HTML 4Page - ON Semiconductor MJL21196G Datasheet HTML 5Page - ON Semiconductor MJL21196G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJL21195, MJL21196
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS (Note 2)
Collector−Emitter Sustaining Voltage
(IC = 100 mAdc, IB = 0)
VCEO(sus)
250
Vdc
Collector Cutoff Current
(VCE = 200 Vdc, IB = 0)
ICEO
100
mAdc
OFF CHARACTERISTICS (Note 3)
Emitter Cutoff Current
(VCE = 5 Vdc, IC = 0)
IEBO
100
mAdc
Collector Cutoff Current
(VCE = 250 Vdc, VBE(off) = 1.5 Vdc)
ICEX
100
mAdc
SECOND BREAKDOWN (Note 3)
Second Breakdown Collector Current with Base Forward Biased
(VCE = 50 Vdc, t = 1 s (Nonrepetitive)
(VCE = 80 Vdc, t = 1 s (Nonrepetitive)
IS/b
4.0
2.25
Adc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 8 Adc, VCE = 5 Vdc)
(IC = 16 Adc, IB = 5 Adc)
hFE
25
8.0
100
Base−Emitter On Voltage
(IC = 8 Adc, VCE = 5 Vdc)
VBE(on)
2.2
Vdc
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.4
4
Vdc
DYNAMIC CHARACTERISTICS (Note 3)
Total Harmonic Distortion at the Output
VRMS = 28.3 V, f = 1 kHz, PLOAD = 100 WRMS
hFE
unmatched
(Matched pair hFE = 50 @ 5 A/5 V)
hFE
matched
THD
0.8
0.08
%
Current Gain Bandwidth Product
(IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz)
fT
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
500
pF
2. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle ≤10%.
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤2%.
IC, COLLECTOR CURRENT (A)
Figure 1. Typical Current Gain
Bandwidth Product
Figure 2. Typical Current Gain
Bandwidth Product
PNP MJL21195
NPN MJL21196
IC, COLLECTOR CURRENT (A)
6.5
6.0
5.5
5.0
4.5
4.0
2.5
2.0
1.0
10
0.1
7.5
7.0
6.0
5.0
4.0
3.0
2.0
1.0
10
0.1
1.0
VCE = 10 V
TJ = 25°C
ftest = 1 MHz
VCE = 10 V
TJ = 25°C
ftest = 1 MHz
3.5
3.0
6.5
5.5
4.5
3.5
2.5
1.5
VCE = 5 V
VCE = 5 V


Similar Part No. - MJL21196G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21196G ONSEMI-MJL21196G Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
MJL21196G ONSEMI-MJL21196G Datasheet
135Kb / 6P
   Silicon Power Transistors
August, 2013 ??Rev. 5
logo
Thinki Semiconductor Co...
MJL21196G THINKISEMI-MJL21196G Datasheet
2Mb / 6P
   200 Watt Silicon Epitaxial Planar NPN Type Power Transistor
Rev.13T
More results

Similar Description - MJL21196G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com