Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE210 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE210
Description  Complementary Silicon Power Plastic Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE210 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE210 Datasheet HTML 1Page - ON Semiconductor MJE210 Datasheet HTML 2Page - ON Semiconductor MJE210 Datasheet HTML 3Page - ON Semiconductor MJE210 Datasheet HTML 4Page - ON Semiconductor MJE210 Datasheet HTML 5Page - ON Semiconductor MJE210 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE200 - NPN,
MJE210 - PNP
http://onsemi.com
3
Figure 2. Switching Time Test Circuit
+11 V
25
ms
0
-9.0 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
1K
IC, COLLECTOR CURRENT (AMPS)
VCC = 30 V
IC/IB = 10
TJ = 25°C
500
300
200
100
50
td
30
20
10
5
1
0.01
0.03 0.05
0.5
0.2
0.1
0.3
10
Figure 3. Turn-On Time
3
2
5
2
13
tr
MJE200
MJE210
0.02
t, TIME (ms)
0.01
0.02
0.05
1.0
2.0
5.0
10
20
50
100
200
0.1
0.5
0.2
1.0
0.2
0.1
0.05
qJC(t) = r(t) qJC
qJC = 8.34°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0 (SINGLE PULSE)
Figure 4. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01


Similar Part No. - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE210 MOTOROLA-MJE210 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
ON Semiconductor
MJE210 ONSEMI-MJE210 Datasheet
255Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
63Kb / 4P
   SILICON PNP TRANSISTOR
logo
Samsung semiconductor
MJE210 SAMSUNG-MJE210 Datasheet
195Kb / 6P
   PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)
logo
Fairchild Semiconductor
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
   Feature
More results

Similar Description - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com